Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C32098A Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C32098A
Description  3.3 V 128K x 16 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C32098A Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C32098A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C32098A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
®
AS7C32098A
2/24/05,v. 1.0
Alliance Semiconductor
P. 3 of 10
Recommended operating conditions
Parameter
Symbol
Min
Typical
Max
Unit
Supply voltage
VCC (10/12/15/20)
3.0
3.3
3.6
V
Input voltage
VIH
**
2.0
–
VCC + 0.5
V
VIL
*
–0.5
–
0.8
V
Ambient operating temperature
commercial
TA
0–
70
°C
industrial
TA
–40
–
85
°C
*
VIL min = –1.0V for pulse width less than 5ns.
**
VIH max = VCC + 2.0V for pulse width less than 5ns.
DC operating characteristics (over the operating range)1
Parameter
Symbol
Test conditions
–10
–12
–15
–20
Unit
Min Max Min Max Min Max Min Max
Input leakage
current
|ILI|
VCC = Max
VIN = GND to VCC
–
1
–
1
–1–1
µA
Output leakage
current
|ILO|
VCC = Max
CE = VIH or OE = VIH
or WE = VIL
VI/O = GND to VCC
–
1
–
1
–1–1
µA
Operating
power supply
current
ICC
VCC = Max
CE
≤ V
IL, f = fmax IOUT = 0mA
Industrial
–
180
–
160
–
140
–
110
mA
Commercial
-
170
-
150
-
130
-
100
mA
Standby power
supply current
ISB
VCC = Max
CE
≥ V
IH, f = Max
–
60
–
60
–
60
–
60
mA
ISB1
VCC = Max
CE
≥ V
CC – 0.2V, VIN ≥ VCC – 0.2V or
VIN ≤ 0.2V, f = 0
–
8
–
8
–8–8
mA
Output voltage
VOL
IOL = 8 mA, VCC = Min
–
0.4
–
0.4
–
0.4
–
0.4
V
VOH
IOH = –4 mA, VCC = Min
2.4
–
2.4
–
2.4
–
2.4
–
V
Capacitance (f = 1MHz, Ta = 25° C, VCC = NOMINAL)
4
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN
A, CE, WE, OE, UB, LB
VIN = 0V
6
pF
I/O capacitance
CI/O
I/O
VIN = VOUT = 0V
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com