Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7265X Datasheet(PDF) 7 Page - ams AG

Part # AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7265X Datasheet(HTML) 7 Page - ams AG

Back Button AS7265X Datasheet HTML 3Page - ams AG AS7265X Datasheet HTML 4Page - ams AG AS7265X Datasheet HTML 5Page - ams AG AS7265X Datasheet HTML 6Page - ams AG AS7265X Datasheet HTML 7Page - ams AG AS7265X Datasheet HTML 8Page - ams AG AS7265X Datasheet HTML 9Page - ams AG AS7265X Datasheet HTML 10Page - ams AG AS7265X Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
ams Datasheet
Page 7
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings
of AS7265x may cause permanent damage to the device. These
are stress ratings only. Functional operation of the device at
these or any other conditions beyond those indicated under
Electrical Characteristics is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability. The device is not designed for high energy UV
(ultraviolet) environments, including upward looking outdoor
applications, which could affect long term optical performance.
Figure 6:
Absolute Maximum Ratings of AS7265x
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VDD1_MAX
Supply Voltage VDD1
-0.3
5
V
Pin VDD1 to GND
VDD2_MAX
Supply Voltage VDD2
-0.3
5
V
Pin VDD2 to GND
VDD_IO
Input/Output Pin Voltage
-0.3
VDD+0.3
V
Input/Output Pin to GND
ISCR
Input Current (latch-up
immunity)
± 100
mA
JESD78D
Electrostatic Discharge
ESDHBM
Electrostatic Discharge HBM
±1000
V
JS-001-2014
ESDCDM
Electrostatic Discharge CDM
±500
V
JESD22-C101F
Temperature Ranges and Storage Conditions
TSTRG
Storage Temperature Range
-40
85
°C
TBODY
Package Body Temperature
260
°C
IPC/JEDEC J-STD-020. The
reflow peak soldering
temperature (body
temperature) is specified
according IPC/JEDEC
J-STD-020 “Moisture/Reflow
Sensitivity Classification for
Non-hermetic Solid State
Surface Mount Devices”
RHNC
Relative Humidity
(non-condensing)
585
%
MSL
Moisture Sensitivity Level
3
Represents a 168 hour max.
floor lifetime
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com