Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7265X Datasheet(PDF) 8 Page - ams AG

Part # AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7265X Datasheet(HTML) 8 Page - ams AG

Back Button AS7265X Datasheet HTML 4Page - ams AG AS7265X Datasheet HTML 5Page - ams AG AS7265X Datasheet HTML 6Page - ams AG AS7265X Datasheet HTML 7Page - ams AG AS7265X Datasheet HTML 8Page - ams AG AS7265X Datasheet HTML 9Page - ams AG AS7265X Datasheet HTML 10Page - ams AG AS7265X Datasheet HTML 11Page - ams AG AS7265X Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-04] 2018-Jul-09
AS7265x − Electrical Characteristics
All limits are guaranteed with VDD = VDD1 = VDD2 = 3.3V,
TAMB = 25°C. The parameters with min and max values are
guaranteed with production tests or SQC (Statistical Quality
Control) methods.
VDD1 and VDD2 should be sourced from the same power supply
output.
Figure 7:
Electrical Characteristics of AS7265x
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
General Operating Conditions
VDD1
/VDD2
Voltage Operating
Supply
UART Interface
2.97
3.3
3.6
V
VDD1
/VDD2
Voltage Operating
Supply
I²C Interface
2.7
3.3
3.6
V
TAMB
Operating Temperature
-40
25
85
°C
IVDD
Operating Current
5
mA
Internal RC Oscillator
FOSC
Internal RC Oscillator
Frequency
15.7
16
16.3
MHz
tJITTER
(1)
Internal Clock Jitter
@25°C
1.2
ns
Temperature Sensor
DTEMP
Absolute Accuracy of the
Internal Temperature
Measurement
-8.5
8.5
°C
Indicator LED
IIND
LED Current
1
8
mA
IACC
Accuracy of Current
-30
30
%
VLED
Voltage Range of
Connected LED
Vds of current sink
0.3
VDD
V
LED_DRV
ILED1
LED Current
12.5
100
mA
IACC
Accuracy of Current
-10
10
%
VLED
Voltage Range of
Connected LED
Vds of current sink
0.3
VDD
V
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com