Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXT1664T3-ATESSQTP Datasheet(PDF) 59 Page - Microchip Technology

Part # MXT1664T3-ATESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ATESSQTP Datasheet(HTML) 59 Page - Microchip Technology

Back Button MXT1664T3-ATESSQTP Datasheet HTML 55Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 56Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 57Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 58Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 59Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 60Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 61Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 62Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 59
10.5.2
MAXIMUM TOUCHES REPORT
Read this report to receive the maximum number of touches (surface contacts) that can currently be reported.
Write this report to set the maximum number of touches to be reported.
The format of the Maximum Touches report packet is shown in Figure 10-22.
FIGURE 10-22:
MAXIMUM TOUCHES REPORT PACKET FORMAT
In Figure 10-22.
• Rpt ID is the report ID for the Maximum Touches reports (see Table 10-3 on page 50).
• Max Touch is the maximum number of touches to be reported by the device.
10.5.3
TOUCH HARDWARE QUALITY ASSURANCE (THQA) REPORT
The THQA data is reported to Microsoft Windows using the THQA report ID (see Table 10-3 on page 50 for the value).
The content of this data is defined by Microsoft.
10.6
USB Suspend Mode
When the device is used in USB configuration, the USB “System Suspend” event can be used to minimize current
consumption. Note that it is possible to put the device into deep sleep mode without also sending a “System Suspend”
event on the USB bus, but the current consumption is not as low. The USB controller must send a USB “System
Wakeup” event on the bus to bring the device out of suspend mode.
The device can also be configured to respond to USB “Remote Wakeup” requests. In this case, if the operating system
enables remote wakeup and the device is suspended, the device will continue to scan at a preset sensor refresh rate.
Use of the remote wake up feature and the sensor refresh rate are configured using the Digitizer HID Configuration T43
object (refer to the mXT1664T3 2.0 Protocol Guide for more information).
NOTE
The number of touches cannot be set to more than the maximum number of touches configured in the
device by the Multiple Touch Touchscreen T100 object.
Maximum
Number of
Touches
Reported
Max Touch
Reserved
(62 Bytes)
0x00
0x00
...
Rpt ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com