| Electronic Components Datasheet Search |
|
MXT1664T3-ATESSQTP Datasheet(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MXT1664T3-ATESSQTP Datasheet(HTML) 6 Page - Microchip Technology |
|
6 / 98 page ![]() MXT1664T3 2.0 DS40002054A-page 6 2018 Microchip Technology Inc. H8 DBG_DATA O VddIO Debug data; see Section 2.5.9 “SPI Debug Interface” I2C Mode: Connect to test point Connect to GND XTAL_XOUT O USB mode: External oscillator output; see Section 2.5.6 “XTAL_XOUT and XTAL_XIN” H10 DS0 S AVdd Driven Shield signal; used as guard track between X/Y signals and ground Leave open H11 Y8 S AVdd Y line connection Leave open H12 Y9 S AVdd Y line connection Leave open H13 Y10 S AVdd Y line connection Leave open J1 Y39 S AVdd Y line connection Leave open J2 Y38 S AVdd Y line connection Leave open J3 Y37 S AVdd Y line connection Leave open J11 Y11 S AVdd Y line connection Leave open J12 Y12 S AVdd Y line connection Leave open J13 Y13 S AVdd Y line connection Leave open K1 Y42 S AVdd Y line connection Leave open K2 Y41 S AVdd Y line connection Leave open K3 Y40 S AVdd Y line connection Leave open K4 VDDIO P – Digital power – K5 USBDM USB VddIO USB mode: Data Minus Connect to GND K6 I2CMODE I VddIO I2C Mode: Selects I2C mode; see Section 7.2 “I2C Mode Selection – I2CMODE Pin” – K7 GND P – Ground – K8 PTCXY0 I/O AVdd Reserved for future use Leave open K9 PTCXY1 I/O AVdd Reserved for future use Leave open K10 NC – – No connection – K11 Y14 S AVdd Y line connection Leave open K12 Y15 S AVdd Y line connection Leave open K13 Y16 S AVdd Y line connection Leave open L1 Y45 S AVdd Y line connection Leave open L2 Y44 S AVdd Y line connection Leave open L3 Y43 S AVdd Y line connection Leave open L4 GND P – Ground – L5 SDA OD VddIO I2C Mode: Serial Data – L6 COMMSEL I VddIO Communications Interface Selection; see Section 7.1 “Host Communication Mode Selection – COMMSEL Pin” – L7 GPIO2 I/O VddIO General purpose I/O; see Section 2.5.8 “GPIO Pins” Connect to GND L8 DBG_CLK O VddIO Debug clock; see Section 2.5.9 “SPI Debug Interface” I2C Mode: Connect to test point Connect to GND XTAL_XIN I USB mode: External oscillator input; see Section 2.5.6 “XTAL_XOUT and XTAL_XIN” L9 PTCXY2 I/O AVdd Reserved for future use Leave open L10 NC – – No connection – TABLE 1: PIN LISTING – 136-BALL UFBGA (CONTINUED) Ball Name Type Supply Description If Unused... |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |