Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD1006USB Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # CSD1006USB
Description  10-Device Desktop USB Charging Station for Tablets, iPads and E-Readers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CSD1006USB Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  CSD1006USB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CSD1006USB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved CSD1006USB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved CSD1006USB Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Features
Convenient USB Charging
10 USB ports for charging tablets, iPads and e-readers up to 10.5 in.
q
Devices fit into slots 1.25 in. wide
q
Device USB charge cables plug into USB ports
q
6 ft. AC input cord with right-angle NEMA 5-15P plug reaches convenient outlets
q
Recommended wherever multiple mobile devices are used—schools, offices, warehouses, etc.
q
Comprehensive Protection
Delivers up to 5V 2.4A per port via BC 1.2 rapid charging
q
Protects against overheating, over-current and overcharging
q
Complete Security
Locks with included keys to help prevent device theft, damage or tampering
q
Included combination cable lock secures the unit to a desk or cart
q
Clutter-Reducing Organization
USB ports and cables store out of sight
q
Storage shelf dividers can be removed to accommodate thicker devices
q
OVERVIEW
UPC Code
037332200082
Product Type
Multi-Device Charger
Charging Form Factor
Desktop Cabinet
Functions
Charge; Secure
AC Adapter
Input: 100-240V, 50/60Hz, 2A; Output: 12V, 8A, 6 ft.
Device Compatibility
Laptop; Tablet
Device Slots
10
INPUT
Nominal Input Voltage(s) Supported
120V AC
Input Frequency
50 / 60 Hz
Input Plug Type
NEMA 5-15P
Input Cord Length (ft.)
6
Input Cord Length (m)
1.83
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com