Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD1006USB Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # CSD1006USB
Description  10-Device Desktop USB Charging Station for Tablets, iPads and E-Readers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CSD1006USB Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  CSD1006USB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CSD1006USB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved CSD1006USB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved CSD1006USB Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
10-Device Desktop USB Charging Station for
Tablets, iPads and E-Readers
MODEL NUMBER: CSD1006USB
Locking enclosure provides USB charging, secure storage and cord management for up to 10 tablets,
iPads and e-readers. Recommended for education, office, commercial, retail, industrial and healthcare
environments.
Description
The CSD1006USB 10-Device Desktop USB Charging Station provides USB charging, secure storage and
cord management for up to 10 tablets, iPads and e-readers up to 10.5 inches. It’s recommended for
schools, offices, warehouses, retail outlets, worksites, healthcare facilities and anywhere else multiple
mobile devices are used.
Devices fit into slots 1.25 inches wide and plug into the 10 USB ports as needed for proficient charging.
The CSD1006USB delivers up to 5V 2.4A per port, which is plenty of power for charging battery-intensive
devices. To protect your devices, the CSD1006USB prevents them from drawing more power than it is
capable of supporting and stops charging a device when the device’s battery is at 100%.
The CSD1006USB locks with the included keys to help prevent theft, damage or tampering. A cable with
combination lock is also included to secure the charging station to a desk, table, cart or other flat surface.
The six-foot AC input cord with NEMA 5-15P plug helps you place the charging station in a convenient
location. Storage shelf dividers are easily removed to accommodate thicker devices. Cabling is secured
beneath the shelf tray to alleviate clutter.
iPad is a registered trademark of Apple.
Highlights
1.25 in. wide slots hold USB
devices up to 10.5 in.
q
6 ft. AC input cord with right-
angle NEMA 5-15P plug
q
Delivers up to 5V 2.4A per port
via BC 1.2 rapid charging
q
Locking lid helps prevent device
theft, damage or tampering
q
Separate cable with combination
lock for added security
q
Package Includes
CSD1006USB 10-Device
Desktop USB Charging Station
q
External power supply w/NEMA
5-15P plug (Input: 100–240V,
50/60 Hz; Output: 12V, 8A)
q
Enclosure unit with locking lid
q
USB charger enclosure mount
q
Combination cable lock
q
(2) Keys
q
Owner’s manual
q
1 / 4


Similar Part No. - CSD1006USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSD10060 ETC-CSD10060 Datasheet
207Kb / 5P
ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD10060 CREE-CSD10060 Datasheet
504Kb / 6P
Silicon Carbide Schottky Diode
logo
List of Unclassifed Man...
CSD10060A ETC-CSD10060A Datasheet
207Kb / 5P
ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD10060A CREE-CSD10060A Datasheet
504Kb / 6P
Silicon Carbide Schottky Diode
logo
Inchange Semiconductor ...
CSD10060A ISC-CSD10060A Datasheet
279Kb / 2P
Zero RecoveryRectifier
More results

Similar Description - CSD1006USB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
CS16USB TRIPPLITE-CS16USB Datasheet
522Kb / 3P
16-Device USB Charging Station with Syncing, Secure Storage and Cord Management for iPad and Android Tablets, Black
CS16USBW TRIPPLITE-CS16USBW Datasheet
515Kb / 2P
16-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount Option, White
CS32USB TRIPPLITE-CS32USB Datasheet
579Kb / 3P
32-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
CS48USB TRIPPLITE-CS48USB Datasheet
585Kb / 3P
48-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
CS48USBW TRIPPLITE-CS48USBW Datasheet
573Kb / 2P
48-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, White
CSC32USB TRIPPLITE-CSC32USB Datasheet
531Kb / 3P
32-Device USB Charging Station Cart with Sync for iPad and Android Tablets, Wall-Mount Option, Black
U280-004-WS3C1 TRIPPLITE-U280-004-WS3C1 Datasheet
171Kb / 3P
4-Port USB Charging Station with USB-C Charging and USB-A Auto-Sensing Ports
U280-010 TRIPPLITE-U280-010 Datasheet
182Kb / 3P
10-Port USB Charging Station - 5V 21A / 105W USB Charger Output
logo
Kingston Technology Far...
WFS-U KINGSTON-WFS-U Datasheet
181Kb / 2P
WORKFLOW STATION AND READERS
logo
Tripp Lite. All Rights ...
CS16AC TRIPPLITE-CS16AC Datasheet
187Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, iPad and Android Tablets, Wall-Mount and Cart Options, Black
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com