Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F640P30T85 Datasheet(PDF) 73 Page - Intel Corporation

Part # JS28F640P30T85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30T85 Datasheet(HTML) 73 Page - Intel Corporation

Back Button JS28F640P30T85 Datasheet HTML 69Page - Intel Corporation JS28F640P30T85 Datasheet HTML 70Page - Intel Corporation JS28F640P30T85 Datasheet HTML 71Page - Intel Corporation JS28F640P30T85 Datasheet HTML 72Page - Intel Corporation JS28F640P30T85 Datasheet HTML 73Page - Intel Corporation JS28F640P30T85 Datasheet HTML 74Page - Intel Corporation JS28F640P30T85 Datasheet HTML 75Page - Intel Corporation JS28F640P30T85 Datasheet HTML 76Page - Intel Corporation JS28F640P30T85 Datasheet HTML 77Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
73
.
13.3.1
Reading the Protection Registers
The Protection Registers can be read from any address. To read the Protection Register, first issue
the Read Device Identifier command at any address to place the device in the Read Device
Identifier state (see Section 9.2, “Device Commands” on page 50). Next, perform a read operation
using the address offset corresponding to the register to be read. Table 29, “Device Identifier
Information” on page 77 shows the address offsets of the Protection Registers and Lock Registers.
Register data is read 16 bits at a time.
13.3.2
Programming the Protection Registers
To program any of the Protection Registers, first issue the Program Protection Register command
at the parameter’s base address plus the offset to the desired Protection Register (see Section 9.2,
“Device Commands” on page 50). Next, write the desired Protection Register data to the same
Protection Register address (see Figure 33, “Protection Register Map” on page 73).
Figure 33.
Protection Register Map
0x89
Lock Register 1
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
0x102
0x109
0x8A
0x91
128-bit Protection Register 16
(User-Programmable)
128-bit Protection Register 1
(User-Programmable)
0x88
0x85
64-bit Segment
(User-Programmable)
0x84
0x81
0x80
Lock Register 0
64-bit Segment
(Factory-Programmed)
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
128-Bit Protection Register 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com