Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F640P30T85 Datasheet(PDF) 61 Page - Intel Corporation

Part # JS28F640P30T85
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30T85 Datasheet(HTML) 61 Page - Intel Corporation

Back Button JS28F640P30T85 Datasheet HTML 57Page - Intel Corporation JS28F640P30T85 Datasheet HTML 58Page - Intel Corporation JS28F640P30T85 Datasheet HTML 59Page - Intel Corporation JS28F640P30T85 Datasheet HTML 60Page - Intel Corporation JS28F640P30T85 Datasheet HTML 61Page - Intel Corporation JS28F640P30T85 Datasheet HTML 62Page - Intel Corporation JS28F640P30T85 Datasheet HTML 63Page - Intel Corporation JS28F640P30T85 Datasheet HTML 64Page - Intel Corporation JS28F640P30T85 Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
61
11.0
Programming Operations
The device supports three programming methods: Word Programming (40h/10h), Buffered
Programming (E8h, D0h), and Buffered Enhanced Factory Programming (80h, D0h). See Section
9.0, “Device Operations” on page 48 for details on the various programming commands issued to
the device. The following sections describe device programming in detail.
Successful programming requires the addressed block to be unlocked. If the block is locked down,
WP# must be deasserted and the block must be unlocked before attempting to program the block.
Attempting to program a locked block causes a program error (SR[4] and SR[1] set) and
termination of the operation. See Section 13.0, “Security Modes” on page 69 for details on locking
and unlocking blocks.
The Intel StrataFlash® Embedded Memory (P30) is segmented into multiple Programming
Regions. Programming Regions are made up of 8 or 16 blocks depending on the density. The 64-
and 128-Mbit devices have 8 blocks per Programming Region, while the 256-Mbit has 16 blocks in
each Programming Region (see Table 26). See Section 4.4, “Memory Maps” on page 24 for
address ranges of each Programming Region per density.
Execute in Place (XIP) is defined as the ability to execute code directly from the flash memory.
XIP applications must partition the memory such that code and data are in separate programming
regions (see Table 26, “Programming Regions per Device” on page 61). Each Programming
Region should contain only code or data, and not both. The following terms define the difference
between code and data. System designs must use these definitions when partitioning their code and
data for the P30 device.
11.1
Word Programming
Word programming operations are initiated by writing the Word Program Setup command to the
device (see Section 9.0, “Device Operations” on page 48). This is followed by a second write to the
device with the address and data to be programmed. The device outputs Status Register data when
read. See Figure 40, “Word Program Flowchart” on page 85. VPP must be above VPPLK, and within
the specified VPPL min/max values (nominally 1.8 V).
Table 26.
Programming Regions per Device
Device Density
Number of blocks per
Programming Region
Number of Programming
Regions per Device
64-Mbit
8 blocks
8
128-Mbit
8 blocks
16
256-Mbit
16 blocks
16
512-Mbit
16 blocks
32
1-Gbit
16 blocks
64
Code :
Execution code ran out of the flash device on a continuous basis in the system.
Data :
Information periodically programmed into the flash device and read back (e.g.
execution code shadowed and executed in RAM, pictures, log files, etc.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com