Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB3KIT-003 Datasheet(PDF) 44 Page - Cypress Semiconductor

Part # CYUSB3KIT-003
Description  SuperSpeed Explorer Kit User Guide
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3KIT-003 Datasheet(HTML) 44 Page - Cypress Semiconductor

Back Button CYUSB3KIT-003 Datasheet HTML 40Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 41Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 42Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 43Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 44Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 45Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 46Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 47Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 48Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
CYUSB3KIT-003 SuperSpeed Explorer Kit User Guide, Doc. # 001-93186 Rev. *A
44
Kit Operation
Figure 3-30. Debugger Stops at First Breakpoint
9. Click the Step Over icon until you reach the second breakpoint. Note that if the development
board is connected to the SuperSpeed host, the debugger will reach the second breakpoint. If the
development board is connected to the high-speed host, the debugger will not reach the second
breakpoint, because the initial state of the blue LED (LED2) is that it will stay on. This part of the
code is in an infinite loop and clicking Resume will make the debugger stop at the first and
second breakpoints one after the other. Use the Step Into or Step Over icons when required.
Note All FX3 SDK APIs should be "stepped over". "Stepping into" FX3 SDK APIs (APIs are the
function calls that start with "CyU3P" in the firmware) will result in a warning message of "source
not available at…". If you encounter this message, click the Step Return icon.
10.To stop the debug session, click the Terminate icon (see Figure 3-28). When the debug session
is terminated, it can be launched again with the Debug Configurations icon shown in Figure 3-31.
Be sure to reset FX3 before loading the debug configuration again. Clicking the drop-down arrow
of the Debug Configurations icon will display all the debug configurations available. You can
select the desired debug configuration from the drop-down list.
Figure 3-31. Debug Configurations Icon
11. To completely stop the debug session, drop the GDB connection, and terminate the OpenOCD
tool (running in the background), click the Drop GDB Session icon twice, instead of clicking the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com