Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB3KIT-003 Datasheet(PDF) 24 Page - Cypress Semiconductor

Part # CYUSB3KIT-003
Description  SuperSpeed Explorer Kit User Guide
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3KIT-003 Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button CYUSB3KIT-003 Datasheet HTML 20Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 21Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 22Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 23Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 24Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 25Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 26Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 27Page - Cypress Semiconductor CYUSB3KIT-003 Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
CYUSB3KIT-003 SuperSpeed Explorer Kit User Guide, Doc. # 001-93186 Rev. *A
24
Kit Operation
2. After connecting the development board to the host, wait for the Windows drivers to install. If the
drivers do not install automatically, follow the steps in the “Appendix” on page 52 to manually
install the drivers.
3. After the driver installation is complete, observe the blue LED (LED2). If the development board
is connected to a USB 3.0 port, the blue LED (LED2) blinks. If the development board is
connected to a USB 2.0 port, the blue LED (LED2) stays ON. If the development board is
connected to a USB 1.1 port, the blue LED (LED2) stays OFF.
Note This is a useful way to speed-test USB ports on a PC, where the USB operating speed is
not always obvious. For example, some desktop PCs have the telltale blue plastic inserts (which
are supposed to indicate USB 3.0) in both front and rear USB receptacles. Nevertheless, the
front-panel receptacles often operate only at a USB 2.0 rate (480 Mbps).
4. Take a look at the USB Control Center. It should appear as shown in Figure 3-4. The USB
Control Center detects the development board, which is named Cypress FX3 USB
StreamerExample Device. This appears as the heading in a device tree in the left panel.
Figure 3-4. FX3 Board Connected to a USB 2.0 Port
With the Descriptor Info tab selected, expand the device tree nodes and click on the various
components – Device, Configuration, Interface, and so on. Notice that the descriptor information
changes according to what is highlighted in the device tree. This illustrates the context-sensitive
nature of the USB Control Center – you should select an item in the device tree before conducting a
particular USB operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com