Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC32RF80 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF80
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF80 Datasheet(HTML) 48 Page - Texas Instruments

Back Button ADC32RF80 Datasheet HTML 44Page - Texas Instruments ADC32RF80 Datasheet HTML 45Page - Texas Instruments ADC32RF80 Datasheet HTML 46Page - Texas Instruments ADC32RF80 Datasheet HTML 47Page - Texas Instruments ADC32RF80 Datasheet HTML 48Page - Texas Instruments ADC32RF80 Datasheet HTML 49Page - Texas Instruments ADC32RF80 Datasheet HTML 50Page - Texas Instruments ADC32RF80 Datasheet HTML 51Page - Texas Instruments ADC32RF80 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 138 page
background image
Peak over 8
Samples
fS
Output
of ADC
Block:
Peak over N
Samples (S`)
S`
fS / 8
fS / (8N)
BLKPKDET
N = [1..2
16]
>THHigh
>THLow
Hysteresis
and DWELL
>TLHigh
>TLLow
Hysteresis
and DWELL
BLKPKDETH
BLKPKDETL
BLKTHHH,
BLKTHHL,
BLKTHLH,
BLKTHLL
DWELL
48
ADC32RF80, ADC32RF83
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.3.7 Eye Diagrams
Figure 123 and Figure 124 show the serial output eye diagrams of the ADC32RF8x at 5.0 Gbps and 12 Gbps
against the JESD204B mask.
Figure 123. Data Eye at 5 Gbps
Figure 124. Data Eye at 12 Gbps
8.3.8 Alarm Outputs: Power Detectors for AGC Support
The GPIO pins can be configured as alarm outputs for channels A and B. The ADC32RF8x supports three
different power detectors (an absolute peak power detector, crossing detector, and RMS power detector) as well
as fast overrange from the ADC. The power detectors operate off the full-rate ADC output prior to the decimation
filters.
8.3.8.1 Absolute Peak Power Detector
In this detector mode, the peak is computed over eight samples of the ADC output. Next, the peak for a block of
N samples (N × S`) is computed over a programmable block length and then compared against a threshold to
either set or reset the peak detector output (Figure 125 and Figure 126). There are two sets of thresholds and
each set has two thresholds for hysteresis. The programmable DWELL-time counter is used for clearing the
block detector alarm output.
Figure 125. Peak Power Detector Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com