Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC32RF80 Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF80
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF80 Datasheet(HTML) 98 Page - Texas Instruments

Back Button ADC32RF80 Datasheet HTML 94Page - Texas Instruments ADC32RF80 Datasheet HTML 95Page - Texas Instruments ADC32RF80 Datasheet HTML 96Page - Texas Instruments ADC32RF80 Datasheet HTML 97Page - Texas Instruments ADC32RF80 Datasheet HTML 98Page - Texas Instruments ADC32RF80 Datasheet HTML 99Page - Texas Instruments ADC32RF80 Datasheet HTML 100Page - Texas Instruments ADC32RF80 Datasheet HTML 101Page - Texas Instruments ADC32RF80 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 138 page
background image
98
ADC32RF80, ADC32RF83
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.5.12.2 Register 001h (address = 001h), Decimation Filter Page
Figure 188. Register 001h
7
6
5
4
3
2
1
0
0
0
0
0
DECIM FACTOR
W-0h
W-0h
W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 73. Register 001h Field Descriptions
Bit
Field
Type
Reset
Description
7-4
0
W
0h
Must write 0
3-0
DECIM FACTOR
R/W
0h
These bits configure the decimation filter setting.
0000 = Divide-by-4 complex
0001 = Divide-by-6 complex
0010 = Divide-by-8 complex
0011 = Divide-by-9 complex
0100 = Divide-by-10 complex
0101 = Divide-by-12 complex
0110 = Not used
0111 = Divide-by-16 complex
1000 = Divide-by-18 complex
1001 = Divide-by-20 complex
1010 = Divide-by-24 complex
1011 = Not used
1100 = Divide-by-32 complex
8.5.12.3 Register 002h (address = 2h), Decimation Filter Page
Figure 189. Register 002h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
DUAL BAND EN
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 74. Register 002h Field Descriptions
Bit
Field
Type
Reset
Description
7-1
0
W
0h
Must write 0
0
DUAL BAND EN
R/W
0h
This bit enables the dual-band DDC filter for the corresponding
channel.
0 = Single-band DDC; available in both ADC32RF80 and
ADC32RF83
1 = Dual-band DDC; available in ADC32RF80 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com