Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF7P20 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF7P20
Description  P-Ch MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF7P20 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF7P20 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF7P20 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF7P20 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF7P20 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-200
V
VGS
Gate-Source Voltage
±
30
V
ID
Continuous Drain Current
-5.7
A
-22.8
A
IDM
-5.7
A
EAS
570
mJ
IAR
PD
Total Power Dissipation
2.5
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
---
100
℃
/W
RθJC
Thermal Resistance Junction-Case
---
2.27
℃
/W
BVDSS
RDSON (MAX.)
ID
-200V
690mΩ
-5.7A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
TO
-252 Pin Configuration
Product Summery
The WSF7P20 uses advanced proprietary, planar
stripe, DMOS technology to provide excellent
RDS(ON), low gate charge and operation with low
gate voltages. This device is suitable for use as a
load switch or in PWM applications. They are also
well suited for high efficiency switching DC/DC
converters.
WSF7P20
P-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014
Note:1.
2.
3.
4.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Pulse width limited by TJ(MAX)
L=26.3mH, IAS=-5.7A, VDD=-50V, RG=25Ω
ISD≦-7.3A, di/dt≦300A/μs, VDD≦BVDSS
Pulsed Drain Current (Note 2)
Avalanche Current (Note 2)
Single Pulsed Avalanche Energy (Note 3)
Repetitive Avalanche Energy (Note 2)
EAR
5.5
mJ
dv/dt
Peak Diode Recovery dv/dt (Note 4)
V/ns
-5.5
Ta = 25°C


Similar Part No. - WSF7P20

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF70N10 WIINSOK-WSF70N10 Datasheet
707Kb / 7P
N-Ch MOSFET
logo
SHENZHEN DOINGTER SEMIC...
WSF70N10 DOINGTER-WSF70N10 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced SGT technology
logo
Shenzhen Guan Hua Wei Y...
WSF70N10D WIINSOK-WSF70N10D Datasheet
2Mb / 5P
Consumer electronic power supply Motor control
WSF70P03 WIINSOK-WSF70P03 Datasheet
717Kb / 5P
P-Ch MOSFET
More results

Similar Description - WSF7P20

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD30L60DN56 WIINSOK-WSD30L60DN56 Datasheet
590Kb / 9P
P-Ch MOSFET
WSD30L120DN56 WIINSOK-WSD30L120DN56 Datasheet
932Kb / 5P
P-Ch MOSFET
WSE3099 WIINSOK-WSE3099 Datasheet
818Kb / 5P
P-Ch MOSFET
WSF60P03 WIINSOK-WSF60P03 Datasheet
717Kb / 5P
P-Ch MOSFET
WSP4409 WIINSOK-WSP4409 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2301 WIINSOK-WST2301 Datasheet
893Kb / 5P
P-Ch MOSFET
WST2305 WIINSOK-WST2305 Datasheet
1,013Kb / 5P
P-Ch MOSFET
WST2315 WIINSOK-WST2315 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2339 WIINSOK-WST2339 Datasheet
660Kb / 5P
P-Ch MOSFET
WST6003 WIINSOK-WST6003 Datasheet
551Kb / 6P
P-Ch MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com