Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF7P20 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF7P20
Description  P-Ch MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF7P20 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF7P20 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF7P20 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF7P20 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF7P20 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-200
---
---
V
△
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=-1mA
---
-0.1
---
V/℃
VGS=-10V , ID=-2.85A
---
540
690
RDS(ON)
Static Drain-Source On-Resistance
mΩ
VGS(th)
Gate Threshold Voltage
-2
-4
V
△
VGS(th)
VGS(th) Temperature Coefficient
VGS=VDS , ID =-250uA
---
4.08
---
mV/℃
VDS=-200V , VGS=0V , TJ=25℃
---
---
1
IDSS
Drain-Source Leakage Current
VDS=-200V , VGS=0V , TJ=55℃
---
---
5
uA
IGSS
Gate-Source Leakage Current
VGS=±30V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=-40V , ID=-2.85A
---
3.7
---
S
Qg
Total Gate Charge (-4.5V)
---
19
25
Qgs
Gate-Source Charge
---
4.6
---
Qgd
Gate-Drain Charge
VDS=-160V,VGS=-10V,ID=-7.3A
---
9.5
---
nC
Td(on)
Turn-On Delay Time
---
15
---
Tr
Rise Time
---
110
---
Td(off)
Turn-Off Delay Time
---
30
---
Tf
Fall Time
VDD=-100V , VGS=-10V .
ID=-7.3A ,RG=25Ω.
---
42
---
ns
Ciss
Input Capacitance
---
590
---
Coss
Output Capacitance
---
140
---
Crss
Reverse Transfer Capacitance
VDS=-25V , VGS=0V , f=1MHz
---
25
---
pF
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
---
---
-5.7
A
ISM
Pulsed Source Current
VG=VD=0V , Force Current
---
---
-22.8
A
VSD
Diode Forward Voltage
VGS=0V , IS=-5.7A , TJ=25℃
---
---
-5.0
V
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics
WSF7P20
P-Ch MOSFET
Page 2
www.winsok.tw
Dec.2014
Note: 1. Pulse Test : Pulse width≦300μs, Duty cycle≦2%
Note: 2. Essentially independent of operating temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com