Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLT674 Datasheet(PDF) 2 Page - Compex Systems Pte. Lte.

Part # WLT674
Description  Dual Band 2.4GHz / 5GHz WiFi Bluetooth Combo M.2 Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPEX [Compex Systems Pte. Lte.]
Direct Link  https://compex.com.sg/
Logo COMPEX - Compex Systems Pte. Lte.

WLT674 Datasheet(HTML) 2 Page - Compex Systems Pte. Lte.

  WLT674 Datasheet HTML 1Page - Compex Systems Pte. Lte. WLT674 Datasheet HTML 2Page - Compex Systems Pte. Lte. WLT674 Datasheet HTML 3Page - Compex Systems Pte. Lte. WLT674 Datasheet HTML 4Page - Compex Systems Pte. Lte. WLT674 Datasheet HTML 5Page - Compex Systems Pte. Lte.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
wireless modules
2
Compex Systems Pte Ltd | www.compex.com.sg | (+65) 6286 2086 | sales@compex.com.sg | Last Updated: 01/09/20 SL
Copyright © Compex Systems. All rights reserved. COMPEX and the COMPEX logo, are registered trademarks of Compex Systems Pte Ltd.
While every effort is made to ensure the information is accurate, Compex does not accept liability for any errors or mistakes that may arise.
All specifications are subject to change without notice.
Additional Specifications
Standards for WLAN
IEEE 802.11ac/a/b/g/n (2T2R)
Standards for Bluetooth
Bluetooth v5.0, v4.1, v4.0 LE, v3.0+HS, v2.1+EDR
Channel Spectrum Widths for WLAN
Supports 20/40MHz at 2.4GHz
Supports 20/40/80MHz at 5GHz
Data Rates for WLAN
802.11b: 11Mbps
802.11a/g: 54Mbps
802.11n: MCS 0 to MCS 7
802.11ac: MCS 0 to MCS 9
Max Data Rates for WLAN
300Mbps on 802.11n networks
867Mbps on 802.11ac networks
Data Rates for Bluetooth
1Mbps, 2Mbps, and up to 3Mbps
Host Interface
M.2 2230, Key A+E
Antenna
2x U.FL connectors, 2T2R
Support WiFi / Bluetooth co-existence
Modulation Techniques
802.11b: DSSS (DBPSK, DQPSK, CCK)
802.11a/g: OFDM (BPSK, QPSK, 16-QAM, 64-QAM)
802.11n: OFDM (BPSK, QPSK, 16-QAM, 64-QAM)
802.11ac: OFDM (BPSK, QPSK, 16-QAM, 64-QAM, 256-QAM)
Certification
CE, FCC, and IC, REACH & RoHS Compliance
Power Consumption
TX: 610 mA
RX: 280 mA
Driver Support
Linux with ath10k, Windows 7/8.1/10
Security
64/128-bits WEP, WPA, WPA2, 802.1X
Environmental Temperature
Operating: -20°C to 70°C, Storage: -40°C to 85°C
Environmental Humidity, non-condensing
Operating: 5% to 95%, Storage: 5% to 90%
Dimensions (W × H × D)
22mm × 30mm × 3mm
Weight
6g



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com