Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLT674 Datasheet(PDF) 3 Page - Compex Systems Pte. Lte.

Part # WLT674
Description  Dual Band 2.4GHz / 5GHz WiFi Bluetooth Combo M.2 Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPEX [Compex Systems Pte. Lte.]
Direct Link  https://compex.com.sg/
Logo COMPEX - Compex Systems Pte. Lte.

WLT674 Datasheet(HTML) 3 Page - Compex Systems Pte. Lte.

  WLT674 Datasheet HTML 1Page - Compex Systems Pte. Lte. WLT674 Datasheet HTML 2Page - Compex Systems Pte. Lte. WLT674 Datasheet HTML 3Page - Compex Systems Pte. Lte. WLT674 Datasheet HTML 4Page - Compex Systems Pte. Lte. WLT674 Datasheet HTML 5Page - Compex Systems Pte. Lte.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
wireless modules
3
Compex Systems Pte Ltd | www.compex.com.sg | (+65) 6286 2086 | sales@compex.com.sg | Last Updated: 01/09/20 SL
Copyright © Compex Systems. All rights reserved. COMPEX and the COMPEX logo, are registered trademarks of Compex Systems Pte Ltd.
While every effort is made to ensure the information is accurate, Compex does not accept liability for any errors or mistakes that may arise.
All specifications are subject to change without notice.
RF Performance Table
Data Rate TX Power
(per chain)
TX Power
(2 chains) Tolerance
2.4GHz
802.11b
11Mbps
18dBm
21dBm
±2dB
2.4GHz
802.11g
54Mbps
15dBm
18dBm
±2dB
2.4GHz
802.11n
HT20
MCS 7
15dBm
18dBm
±2dB
2.4GHz
802.11n
HT40
MCS 7
15dBm
18dBm
±2dB
5GHz
802.11a
54Mbps
10.5dBm
13.5dBm
±2dB
5GHz
802.11n
VHT20
MCS 7
10dBm
13dBm
±2dB
5GHz
802.11n
VHT40
MCS 7
10dBm
13dBm
±2dB
5GHz
802.11ac
VHT80
MCS 9
6dBm
9dBm
±2dB
Bluetooth
3Mbps
4~10dBm
-
±2dB
Data Rate
RX Specifications
Sensitivity
Tolerance
2.4GHz
802.11b
11Mbps
-76dBm
±2dB
2.4GHz
802.11g
54Mbps
-65dBm
±2dB
2.4GHz
802.11n
HT20
MCS 7
-64dBm
±2dB
2.4GHz
802.11n
HT40
MCS 7
-61dBm
±2dB
5GHz
802.11a
54Mbps
-65dBm
±2dB
5GHz
802.11n
VHT20
MCS 7
-64dBm
±2dB
5GHz
802.11n
VHT40
MCS 7
-61dBm
±2dB
5GHz
802.11ac
VHT80
MCS 9
-51dBm
±2dB
Bluetooth
3Mbps
-70dBm (0.1% BER)
±2dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com