Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRDMK64FUG Datasheet(PDF) 2 Page - NXP Semiconductors

Part # FRDMK64FUG
Description  Dual role USB interface with micro-B USB connector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FRDMK64FUG Datasheet(HTML) 2 Page - NXP Semiconductors

  FRDMK64FUG Datasheet HTML 1Page - NXP Semiconductors FRDMK64FUG Datasheet HTML 2Page - NXP Semiconductors FRDMK64FUG Datasheet HTML 3Page - NXP Semiconductors FRDMK64FUG Datasheet HTML 4Page - NXP Semiconductors FRDMK64FUG Datasheet HTML 5Page - NXP Semiconductors FRDMK64FUG Datasheet HTML 6Page - NXP Semiconductors FRDMK64FUG Datasheet HTML 7Page - NXP Semiconductors FRDMK64FUG Datasheet HTML 8Page - NXP Semiconductors FRDMK64FUG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
FRDM-K64F Hardware Overview
FRDM-K
64F Freedom Module User’s Guide, User's Guide, Rev. 1, 08/2016
2
NXP Semiconductors
2. FRDM-K64F Hardware Overview
The features of the FRDM-K64F hardware are as follows:
•
MK64FN1M0VLL12 MCU (120 MHz, 1 MB flash memory, 256 KB RAM, low-power, crystal-
less USB, and 100 LQFP)
•
Dual role USB interface with micro-B USB connector
•
RGB LED
•
FXOS8700CQ – accelerometer and magnetometer
•
Two user push buttons
•
Flexible power supply option – OpenSDAv2 USB, K64 USB, and external source
•
Easy access to MCU input/output through Arduino R3
TM compatible I/O connectors
•
Programmable OpenSDAv2 debug circuit supporting the CMSIS-DAP Interface software that
provides:
— Mass storage device (MSD) flash programming interface
— CMSIS-DAP debug interface over a driver-less USB HID connection providing run-
control debugging and compatibility with IDE tools
— Virtual serial port interface
— Open-source CMSIS-DAP software project: github.com/mbedmicro/CMSIS-DAP
•
Ethernet
•
SDHC
•
Add-on RF module: nRF24L01+ Nordic 2.4GHz Radio
•
Add-on Bluetooth module: JY-MCU BT board V1.05 BT
Figure 1 shows the block diagram of the FRDM-K64F design. The primary components and their
placement on the hardware assembly are explained in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com