Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRDMK64FUG Datasheet(PDF) 4 Page - NXP Semiconductors

Part # FRDMK64FUG
Description  Dual role USB interface with micro-B USB connector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FRDMK64FUG Datasheet(HTML) 4 Page - NXP Semiconductors

  FRDMK64FUG Datasheet HTML 1Page - NXP Semiconductors FRDMK64FUG Datasheet HTML 2Page - NXP Semiconductors FRDMK64FUG Datasheet HTML 3Page - NXP Semiconductors FRDMK64FUG Datasheet HTML 4Page - NXP Semiconductors FRDMK64FUG Datasheet HTML 5Page - NXP Semiconductors FRDMK64FUG Datasheet HTML 6Page - NXP Semiconductors FRDMK64FUG Datasheet HTML 7Page - NXP Semiconductors FRDMK64FUG Datasheet HTML 8Page - NXP Semiconductors FRDMK64FUG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
FRDM-K64F Hardware Description
FRDM-
K64F Freedom Module User’s Guide, User's Guide, Rev. 1, 08/2016
4
NXP Semiconductors
Figure 2. FRDM-K64F main components placement
3. FRDM-K64F Hardware Description
3.1. Power supply
There are multiple power supply options on the FRDM-K64F board. It can be powered from either of the
USB connectors, the VIN pin on the I/O header, DC Jack (not populated), or an offboard 1.71–3.6 V supply
from the 3.3 V pin on the I/O header. The USB, DC jack, and VIN supplies are regulated onboard using a 3.3
V linear regulator to produce the main power supply. DC to DC linear regulator is not available in 3.3 V on
J20 Header, however a direct supply to K64 MCU is available.
Table 1 provides the operational details and
requirements for the power supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com