Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2T45 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2T45
Description  Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2T45 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC2T45 Datasheet HTML 1Page - Texas Instruments SN74LVC2T45 Datasheet HTML 2Page - Texas Instruments SN74LVC2T45 Datasheet HTML 3Page - Texas Instruments SN74LVC2T45 Datasheet HTML 4Page - Texas Instruments SN74LVC2T45 Datasheet HTML 5Page - Texas Instruments SN74LVC2T45 Datasheet HTML 6Page - Texas Instruments SN74LVC2T45 Datasheet HTML 7Page - Texas Instruments SN74LVC2T45 Datasheet HTML 8Page - Texas Instruments SN74LVC2T45 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
SN74LVC2T45
SCES516K – DECEMBER 2003 – REVISED JUNE 2017
www.ti.com
Product Folder Links: SN74LVC2T45
Submit Documentation Feedback
Copyright © 2003–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ...................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics .......................................... 6
6.6
Switching Characteristics: VCCA = 1.8 V ± 0.15 V..... 6
6.7
Switching Characteristics: VCCA = 2.5 V ± 0.2 V....... 7
6.8
Switching Characteristics: VCCA = 3.3 V ± 0.3 V....... 7
6.9
Switching Characteristics: VCCA = 5 V ± 0.5 V.......... 8
6.10
Operating Characteristics........................................ 8
6.11
Typical Characteristics ............................................ 9
7
Parameter Measurement Information ................ 12
8
Detailed Description ............................................ 13
8.1
Overview ................................................................. 13
8.2
Functional Block Diagram ....................................... 13
8.3
Feature Description................................................. 13
8.4
Device Functional Modes........................................ 13
9
Application and Implementation ........................ 14
9.1
Application Information............................................ 14
9.2
Typical Applications ................................................ 14
10
Power Supply Recommendations ..................... 17
10.1
Power-Up Considerations ..................................... 17
11
Layout................................................................... 17
11.1
Layout Guidelines ................................................. 17
11.2
Layout Example .................................................... 18
12
Device and Documentation Support ................. 19
12.1
Documentation Support ........................................ 19
12.2
Receiving Notification of Documentation Updates 19
12.3
Community Resources.......................................... 19
12.4
Trademarks ........................................................... 19
12.5
Electrostatic Discharge Caution ............................ 19
12.6
Glossary ................................................................ 19
13
Mechanical, Packaging, and Orderable
Information ........................................................... 19
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision J (October 2014) to Revision K
Page
•
Changed data sheet title......................................................................................................................................................... 1
•
Added Junction temperature, TJ in Absolute Maximum Ratings ............................................................................................ 4
•
Added Documentation Support, Receiving Notification of Documentation Updates and Community Resources .............. 19
Changes from Revision I (March 2007) to Revision J
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com