Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM2P3805X Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM2P3805X
Description  3.3V CMOS Dual 1-To-5 Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2P3805X Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM2P3805X Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
June 2005
ASM2P3805X
rev 0.2
3.3V CMOS Dual 1-To-5 Clock Driver
3 of 12
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
1
Symbol
Description
Max
Unit
VCC
Input Power Supply Voltage
-0.5 to +4.6
V
VI
Input Voltage
-0.5 to +5.5
V
VO
Output Voltage
-0.5 to VCC+0.5
V
TJ
Junction Temperature
150
° C
TSTG
Storage Temperature
-65 to +165
° C
TDV
Static Discharge Voltage
(As per JEDEC STD 22- A114-B)
2
KV
Note: 1 These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
DC Electrical Characteristics over Operating Range
Following Conditions Apply Unless Otherwise Specified
Industrial: TA = -40°C to +85°C, VCC = 3.3V ± 0.3V
Symbol
Parameter
Test Conditions1
Min
Typ2
Max
Unit
VIH
Input HIGH Level
2
-
5.5
V
VIL
Input LOW Level
-0.5
-
0.8
V
IIH
Input HIGH Current
VCC= Max.
VI = 5.5V
-
-
±1
IIL
Input LOW Current
VCC= Max.
VI = GND
-
-
±1
IOZH
VO = VCC
-
-
±1
IOZL
High Impedance Output Current
(3-State Outputs Pins)
VCC= Max.
VO = GND
-
-
±1
µA
VIK
Clamp Diode Voltage
VCC= Min., IIN = –18mA
-
-0.7
-1.2
V
IODH
Output HIGH Current
VCC= 3.3V, VIN = VIH or VIL, VO = 1.5V
3,4
-45
-74
-180
mA
IODL
Output LOW Current
VCC= 3.3V, VIN = VIH or VIL, VO = 1.5V
3,4
50
90
200
mA
IOS
Short Circuit Current
VCC= Max., VO = GND
3,4
-60
-135
-240
mA
IOL= 12mA
2.4
5
3
-
IOH= –8mA
2.4
5
3
-
VOH
Output HIGH Voltage
VCC= Min.
VIN = VIH or VIL
IOH= –100µA
VCC - 0.2
-
-
V
IOL= 12mA
-
0.3
0.4
IOL= 8mA
-
0.2
0.4
VOL
Output LOW Voltage
VCC= Min.
VIN = VIH or VIL
IOL= 100µA
-
-
0.2
V
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, 25°C ambient.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. This parameter is guaranteed but not tested.
5. VOH = VCC -0.6V at rated current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com