Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM2P3805X Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM2P3805X
Description  3.3V CMOS Dual 1-To-5 Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2P3805X Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM2P3805X Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2P3805X Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
June 2005
ASM2P3805X
rev 0.2
3.3V CMOS Dual 1-To-5 Clock Driver
4 of 12
Notice: The information in this document is subject to change without notice.
Power Supply Characteristics
Symbol
Parameter
Test Conditions1
Min
Typ2
Max
Unit
ICCL
ICCH
ICCZ
Quiescent Power Supply
Current
VCC = Max. VIN = GND or VCC
-
0.1
30
µA
∆ICC
Power Supply Current per
Input HIGH
VCC = Max.
VIN = VCC –0.6V
-
45
300
µA
ICCD
Dynamic Power Supply
Current per Output
3
VCC= Max.
CL= 15pF
All Outputs Toggling
VIN = VCC
VIN = GND
-
80
120
µA/MHz
VIN = VCC
VIN = GND
-
125
150
VCC= Max.
CL= 15pF
All Outputs Toggling
fi = 133MHz
VIN = VCC –0.6V
VIN = GND
-
125
150
VIN = VCC
VIN = GND
-
155
195
IC
Total Power Supply
Current
4
VCC= Max.
CL= 15pF
All Outputs Toggling
fi = 166MHz
VIN = VCC –0.6V
VIN= GND
-
160
195
mA
Notes:
1. For conditions shown as Max or Min, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
4. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC + ∆ICC DHNT + ICCD (fONO)
ICC = Quiescent Current (ICCL, ICCH and ICCZ)
∆ICC = Power Supply Current for a TTL High Input (VIN = VCC -0.6V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fO = Output Frequency
NO = Number of Outputs at fO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com