Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM2P20807A Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM2P20807A
Description  2.5V CMOS 1-TO-10 CLOCK DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2P20807A Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM2P20807A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM2P20807A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM2P20807A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM2P20807A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM2P20807A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2P20807A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2P20807A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2P20807A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2P20807A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
June 2005
ASM2P20807A
rev 0.2
2.5V CMOS 1-TO-10 CLOCK DRIVER
4 of 11
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics Over Operating Range
Following Conditions Apply Unless Otherwise Specified
Industrial: TA = -40°C to +85°C, VCC = 2.5V ± 0.2V
Symbol
Parameter
Test Conditions
1
Min
Typ
2
Max
Unit
VIH
Input HIGH Level
1.7
-
-
V
VIL
Input LOW Level
-
-
0.7
V
IIH
Input
HIGH
Current
(Input pins)
VCC= Max, VI = VCC
-
-
±1
mA
IIL
Input
LOW
Current
(Input pins)
VCC= Max, VI = GND
-
-
±1
mA
VIK
Clamp Diode Voltage
VCC= Min, IIN = -18mA
-
-0.7
-1
V
IODH
Output HIGH Current
VCC= 2.5V, VIN = VIH or VIL
VO = 1.25V
3
-25
-45
-100
mA
IODL
Output LOW Current
VCC= 2.5V, VIN = VIH or VIL
VO = 1.25V
3
20
55
120
mA
IOH = -1mA
VCC–0.2
-
-
VOH
Output HIGH Voltage
VCC= Min VIN = VIH or VIL
IOH = -8mA
1.8
5
-
-
V
VOL
Output LOW Voltage
VCC= Min
IOL = 1mA
-
-
0.4
VIN = VIH or VIL
IOL = 8mA
-
-
0.6
V
IOS
Short Circuit Current
4
VCC= Max., VO = GND
3
-25
-60
-135
mA
NOTES:
1. For conditions shown as Max or Min, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 2.5V, +25°C ambient.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. This parameter is guaranteed but not tested.
5. VOH = Vcc - 0.6V at rated current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com