Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM2P20807A Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # ASM2P20807A
Description  2.5V CMOS 1-TO-10 CLOCK DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2P20807A Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button ASM2P20807A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM2P20807A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM2P20807A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2P20807A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2P20807A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2P20807A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2P20807A Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM2P20807A Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM2P20807A Datasheet HTML 11Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
June 2005
ASM2P20807A
rev 0.2
2.5V CMOS 1-TO-10 CLOCK DRIVER
7 of 11
Notice: The information in this document is subject to change without notice.
Output Skew - tSK(O)
Part-to-Part Skew - tSK(PP)
NOTE: Device 1 and device 2 are same package type and speed grade.
Test Conditions
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
tR / tF = Rise/Fall time of the input stimulus from the Pulse Generator.
NOTES:
1. Test conditions at 100MHz.
2. Test conditions at 150MHz.
Symbol
VCC = 2.5V ±0.2V
Unit
22
1
CL
12
2
pF
RT
Z OUT of pulse generator
Ω
1.25
1
tR / tF
1.2
2
nS
tPLH
tPLHL 1
tSK(O)
tPLH2
tPHL2
tSK(O)
2.5V
1.25V
OV
INPUT
tSK(O) =[ tPLH2 – tPLH 1 ] or [tPHL2 - tPHL1 ]
VOH
1.25 V
VOL
OUTPUT 1
VOH
1.25 V
VOL
OUTPUT 2
tSK(t) =[ tPLH2 – tPLH 1 ] or [tPHL2 - tPHL1 ]
VOH
1.25 V
VOL
DEVICE 1 OUTPUT
VOH
1.25 V
VOL
DEVICE 2 OUTPUT
tPLH 1
tPLHL 1
tSK(t)
tPLH2
tPHL2
tSK(t)
2.5V
1.25V
OV
INPUT
DEVICE 2 OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com