Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSP4088 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4088
Description  N-Ch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4088 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4088 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4088 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4088 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4088 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4088 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4088 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4088 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
N-Ch MOSFET
WSP4088
Page 1
www.winsok.tw
Dec.2014
Pin Description
Features
Applications
· Power Management in Desktop Computer or
DC/DC Converters.
· 40V/11A,
=10V
R
DS(ON)= 13mW (Max.) @ VGS
R
DS(ON)= 16mW (Max.) @ VGS
=4.5V
· Reliable and Rugged
· Lead Free and Green Devices Available
(RoHS Compliant)
N-Channel MOSFET
Top View of SOP-8
Symbol
Parameter
Rating
Unit
Common Ratings
VDSS
Drain-Source Voltage
40
VGSS
Gate-Source Voltage
±20
V
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-55 to 150
°C
IS
Diode Continuous Forward Current
TA=25°C
2
A
TA=25°C
1
1
ID
Continuous Drain Current
TA=70°C
8.4
IDM
a
Pulsed Drain Current
TA=25°C
30
A
TA=25°C
2.08
PD
Maximum Power Dissipation
TA=70°C
1.3
W
t
£ 10s
30
RqJA
Thermal Resistance-Junction to Ambient
Steady State
60
RqJL
Thermal Resistance-Junction to Lead
Steady State
20
°C/W
IAS
b
Avalanche Current, Single pulse
L=0.1mH
23
A
EAS
b
Avalanche Energy, Single pulse
L=0.1mH
26
mJ
Note a:Max. current is limited by bonding wire.
Note b:UIS tested and pulse width limited by maximum junction temperature 150
oC (initial temperature Tj=25oC).
Absolute Maximum Ratings (T
A = 25°C Unless Otherwise Noted)


Similar Part No. - WSP4088

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSP4016 WIINSOK-WSP4016 Datasheet
1Mb / 7P
N-Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
WSP4067 DOINGTER-WSP4067 Datasheet
3Mb / 8P
N-Chanel and P-Channel MOSFET use advanced trench technology
logo
Shenzhen Guan Hua Wei Y...
WSP4067B WIINSOK-WSP4067B Datasheet
1Mb / 10P
N&P-Channel MOSFET
WSP4099 WIINSOK-WSP4099 Datasheet
856Kb / 5P
Dual P-Channel MOSFET
More results

Similar Description - WSP4088

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSC5N20 WIINSOK-WSC5N20 Datasheet
617Kb / 5P
N-Ch MOSFET
WSD45N10GKDN56 WIINSOK-WSD45N10GKDN56 Datasheet
2Mb / 6P
N-Ch MOSFET
WSD2050DN WIINSOK-WSD2050DN Datasheet
2Mb / 6P
N-Ch MOSFET
WSD4046GDN WIINSOK-WSD4046GDN Datasheet
1Mb / 6P
N-Ch MOSFET
WSD4070DN WIINSOK-WSD4070DN Datasheet
1Mb / 7P
N-Ch MOSFET
WSD30140DN56 WIINSOK-WSD30140DN56 Datasheet
873Kb / 6P
N-Ch MOSFET
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
N-Ch MOSFET
WSF15N10A WIINSOK-WSF15N10A Datasheet
2Mb / 5P
N-Ch MOSFET
WSF25N10 WIINSOK-WSF25N10 Datasheet
1Mb / 5P
N-Ch MOSFET
WSF40N10A WIINSOK-WSF40N10A Datasheet
1Mb / 6P
N-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com