Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSP4088 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4088
Description  N-Ch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4088 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4088 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4088 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4088 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4088 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4088 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4088 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4088 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
N-Ch MOSFET
WSP4088
Page 2
www.winsok.tw
Dec.2014
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS Drain-Source Breakdown Voltage
VGS=0V, IDS=250mA
40
-
-
V
VDS=32V, VGS=0V
-
-
1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
-
-
30
mA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250mA
1.5
1.8
2.5
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
-
-
±100
nA
VGS=10V, IDS=7A
-
10.5
1
3
TJ=125°C
-
15.75
-
RDS(ON)
c
Drain-Source On-state Resistance
VGS=4.5V, IDS=5A
-
12
1
6
m
W
Gfs
Forward Transconductance
VDS=5V, IDS=15A
-
31
-
S
Diode Characteristics
VSD
c
Diode Forward Voltage
ISD=10A, VGS=0V
-
0.9
1.1
V
trr
Reverse Recovery Time
-
15.2
-
ta
Charge Time
-
9.4
-
tb
Discharge Time
-
5.8
-
ns
Qrr
Reverse Recovery Charge
VDD=20V,
ISD=10A, dlSD/dt=100A/ms
-
9.5
-
nC
Dynamic Characteristics
d
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
0.7
1.1
1.8
W
Ciss
Input Capacitance
-
1125
-
Coss
Output Capacitance
-
132
-
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=20V,
Frequency=1.0MHz
-
70
-
pF
td(ON)
Turn-on Delay Time
-
12.6
-
tr
Turn-on Rise Time
-
10
-
td(OFF)
Turn-off Delay Time
-
23.6
-
tf
Turn-off Fall Time
VDD=20V, RL=20W,
IDS=1A, VGEN=10V,
RG=1W
-
6
-
ns
Gate Charge Characteristics
d
Qg
Total Gate Charge
VDS=20V, VGS=4.5V,
IDS=7A
-
9.4
-
Qg
Total Gate Charge
-
20
28
Qgth
Threshold Gate Charge
-
2
-
Qgs
Gate-Source Charge
-
3.9
-
VDS=20V, VGS=10V,
IDS=7A
-
3
-
nC
Qgd
Gate-Drain Charge
Note c:Pulse test ; pulse width
£300ms, duty cycle£2%.
Electrical Characteristics (T
A = 25°C Unless Otherwise Noted)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com