Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBX-R5 Datasheet(PDF) 1 Page - u-blox AG

Part # UBX-R5
Description  Multi-band LTE-M / NB-IoT chipset
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

UBX-R5 Datasheet(HTML) 1 Page - u-blox AG

  UBX-R5 Datasheet HTML 1Page - u-blox AG UBX-R5 Datasheet HTML 2Page - u-blox AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grade
Automotive
Professional
Standard
Regions
Multi-region
Access Technology
LTE bands
*
Data rate
M1/NB2
Interfaces
UART
USB
DDC (I2C)
SDIO (host) 4-bit
ADC
PWM
I2S
GPIO
Features
EAL5+ High secure element
Hardware Root of Trust
Application CPU
Coverage Enhancement Mode A and B
PSM and eDRX
Dynamic antenna tuning
UBX-R5
Multi-band LTE-M / NB-IoT chipset
Product Summary
Objective Specification
IoT security redefined in a 5G-ready LTE-M and NB-IoT chipset
• First Common Criteria EAL5+ High certified cellular IoT Secure Element provides best-in-class hardware-based security
• 5G-ready, software-configurable cellular modem to last an IoT lifetime
• Service-on-chip architecture captures signal deep inside hardware for improved positioning and energy efficiency
• Easy integration with u-blox GNSS products and operation of LTE-based positioning
• Powerful edge computing platform provides a hosted application environment
Product description
The UBX-R5 is a 5G-ready, multi-band LTE-M / NB-IoT chipset
that provides industry-leading hardware-based security to
a wide range of low-power wide-area (LPWA) IoT devices. It
includes the first Common Criteria (CC) EAL5+ High certified
IoT Secure Element with a hardware Root of Trust, enabling
the strongest protection against attacks on mission-critical
IoT assets or devices that transmit sensitive information.
Due to the high degree of software configurability within the
third generation in-house VSP-based modem processor, the
UBX-R5 chipset is 5G-ready and offers platform stability and
longevity to customer devices.
UBX-R5 is based on a service-on-chip architecture, which
offers low-level insights and data points from deep within the
hardware, such as event-based energy consumption moni-
toring and smart antenna tuning, among others.
The chipset can be easily combined with any u-blox GNSS
product.
The UBX-R5 chipset includes integrated RF, baseband, power
management and RAM and supports several power-saving
functionalities, such as PSM and eDRX. Further, it supports
enhanced LTE coverage via CE Mode A and B for LTE-M, and
ECL1 and ECL2 for NB-IoT, achieving deeper penetration in-
side buildings and underground.
Standard
Professional
Automotive
NB2 = Cat NB2 (125 kbit/s DL, 140 kbit/s UL)
M1 = LTE Cat M1 (375 kbit/s DL, 1200 kbit/s UL)
* = All bands within the 450 MHz
to 2.46 GHz range
UBX-19026227 - R01
8.5 × 9.0 × 1.0 mm


Similar Part No. - UBX-R5

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UBX-110 ADVANTECH-UBX-110 Datasheet
717Kb / 4P
8K UHD Hospitality Box Computer with Intel 11th Gen Processor
15-Aug-2023
UBX-110H ADVANTECH-UBX-110H Datasheet
717Kb / 4P
8K UHD Hospitality Box Computer with Intel 11th Gen Processor
15-Aug-2023
UBX-110H-BCL00 ADVANTECH-UBX-110H-BCL00 Datasheet
717Kb / 4P
8K UHD Hospitality Box Computer with Intel 11th Gen Processor
15-Aug-2023
UBX-110H-BI300 ADVANTECH-UBX-110H-BI300 Datasheet
717Kb / 4P
8K UHD Hospitality Box Computer with Intel 11th Gen Processor
15-Aug-2023
UBX-110H-BI500 ADVANTECH-UBX-110H-BI500 Datasheet
717Kb / 4P
8K UHD Hospitality Box Computer with Intel 11th Gen Processor
15-Aug-2023
More results

Similar Description - UBX-R5

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY68011-31 SKYWORKS-SKY68011-31 Datasheet
157Kb / 2P
LTE Multi-Band Front-End Module for IoT
logo
u-blox AG
SARA-N3 U-BLOX-SARA-N3 Datasheet
212Kb / 2P
Multi-band NB-IoT modules
SARA-R5 U-BLOX-SARA-R5 Datasheet
1Mb / 43P
LTE-M / NB-IoT modules with secure cloud
logo
Qorvo, Inc
QM55003 QORVO-QM55003 Datasheet
775Kb / 25P
Mid-Band Low-Band NB-IoT TxM
QM55001 QORVO-QM55001 Datasheet
874Kb / 24P
Mid-Band Low-Band NB-IoT TxM
logo
Digi International Inc.
XK3-C-N1-UT-E DIGI-XK3-C-N1-UT-E Datasheet
269Kb / 3P
DIGI XBEE 3 CELLULAR LTE-M/NB-IOT
logo
Nordic Semiconductor
NRF9160 NORDIC-NRF9160_V01 Datasheet
6Mb / 400P
Cellular Modules LTE-M/NB-IoT/GPS product
4418_1315 v2.0 / 2020-09-21
logo
NimbeLink Corp.
NL-SW-LTE-TG1WWG NIMBELINK-NL-SW-LTE-TG1WWG Datasheet
216Kb / 2P
Skywire 4G LTE-M (CAT M1), NB-IoT (NB1, NB2)
Rev A
logo
Murata Manufacturing Co...
LBAD0ZZ1SE MURATA1-LBAD0ZZ1SE Datasheet
1Mb / 26P
LTE CAT M1/NB -IoT Module
Rev 1.2 11/11/2021
logo
AVX Corporation
LSP69001299TR AVX-LSP69001299TR Datasheet
1Mb / 8P
LTE Cat-M1 / NB-IoT Antenna
30/09/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com