Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1928 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM1928
Description  Getting started with STM32L476G discovery kit software development tools
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1928 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM1928 Datasheet HTML 4Page - STMicroelectronics UM1928 Datasheet HTML 5Page - STMicroelectronics UM1928 Datasheet HTML 6Page - STMicroelectronics UM1928 Datasheet HTML 7Page - STMicroelectronics UM1928 Datasheet HTML 8Page - STMicroelectronics UM1928 Datasheet HTML 9Page - STMicroelectronics UM1928 Datasheet HTML 10Page - STMicroelectronics UM1928 Datasheet HTML 11Page - STMicroelectronics UM1928 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ST-LINK/V2-1 installation
UM1928
8/22
DocID028162 Rev 1
3
ST-LINK/V2-1 installation
The STM32L476G Discovery board includes an embedded ST-LINK/V2 debug tool
interface. The interface needs an ST-Link/V2 dedicated USB driver to be installed. This
driver is available at ST Website (www.st.com) and it is supported by the software
toolchains:
IAR Embedded Workbench for ARM (EWARM).
The toolchain is installed by default in the C:\Program Files\IAR Systems\Embedded
Workbench x.x directory on the local hard disk of the PC. After installing EWARM,
install the ST-LINK/V2 driver by running the ST-Link_V2_USB.exe from
[IAR_INSTALL_DIRECTORY]\Embedded Workbench x.x\arm\drivers\ST-Link \ST-
Link_V2_USBdriver.exe.
Keil Microcontroller Development Kit (MDK-ARM) toolchain. The toolchain is installed
by default in the C:\Keil directory on the local hard disk of the PC; the installer creates a
µVision4 shortcut in the start menu. When connecting the ST-LINK/V2 tool, the PC
detects the new hardware and prompts the user to install the ST-LINK_V2_USB driver.
The “Found New Hardware Wizard” displays and guides the user through the steps
required to install the driver from the recommended location.
Atollic TrueSTUDIO STM32.
The toolchain is installed by default in the C:\Program Files\Atollic directory on the local
hard disk of the PC. The ST-Link_V2_USB.exe is installed automatically when
installing the software toolchain.
Complementary information on the firmware package content and the STM32L476
Discovery requirements is available inside the User Manual UM1879: Discovery kit with
STM32L476VG MCU.
Note:
The embedded ST-LINK/V2-1 supports only the SWD interface for STM32 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com