Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLINK-V3MODS Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLINK-V3MODS
Description  STLINK-V3MODS and STLINK-V3MINI mini debuggers/programmers for STM32
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLINK-V3MODS Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLINK-V3MODS Datasheet HTML 2Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 3Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 4Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 5Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 6Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 7Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 8Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 9Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Features
UM2502
6/27
UM2502 Rev 1
1
Features
Common features
•
Stand-alone probe
•
Approximately 15 x 30 mm high-density integration PCB
•
Self-powered through a USB connector (Micro-B)
•
USB 2.0 high-speed compatible interface
•
Direct firmware update support (DFU)
•
JTAG / serial wire debugging (SWD) specific features:
–
3 V to 3.6 V application voltage support and 5 V tolerant inputs
–
JTAG communication support
–
SWD and serial wire viewer (SWV) communication support
•
Virtual COM port (VCP) specific features:
–
3 V to 3.6 V application voltage support on the UART interface and 5 V tolerant
inputs
–
VCP frequency up to 15 MHz
•
Drag-and-drop Flash programming
•
Two color LEDs: communication, power
STLINK-V3MODS features
•
Direct-to-PCB implementation by 2 x 16-pin 1.27mm edge castellated vias with all
signals available in a minimum PCB required surface
•
Multi-path bridge USB to SPI/UART/I2C/CAN/GPIOs specific features:
–
3 V to 3.6 V application voltage support and 5 V tolerant inputs
STLINK-V3MINI features
•
Delivered with 1.27 mm pitch STDC14 debug connector and STDC14 to STDC14 flat
cable
•
Includes STDC14 signals protection
Note:
STLINK-V3MODS and STLINK-V3MINI do not provide power supply to the target
application.
2
General information
The STLINK-V3MODS and STLINK-V3MINI embed an STM32 32-bit microcontroller based
on the Arm®(a) Cortex®-M processor.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com