Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLINK-V3MODS Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLINK-V3MODS
Description  STLINK-V3MODS and STLINK-V3MINI mini debuggers/programmers for STM32
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLINK-V3MODS Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLINK-V3MODS Datasheet HTML 4Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 5Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 6Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 7Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 8Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 9Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 10Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 11Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Quick start
UM2502
8/27
UM2502 Rev 1
7
Quick start
This section describes how to start a development quickly using the STLINK-V3MODS and
STLINK-V3MINI.
Before installing and using these products, accept the Evaluation Product License
Agreement from the www.st.com/epla web page.
The STLINK-V3MODS and STLINK-V3MINI are stand-alone debugging and programming
probes for STM32 microcontrollers.
•
They support protocols JTAG and SWD to communicate with any STM32
microcontroller.
•
They provide a Virtual COM port interface allowing the host PC to communicate with
the target microcontroller through one UART
•
The STLINK-V3MODS provides bridge interfaces to several communication protocols
allowing for instance the programming of the target through bootloader.
To start using STLINK-V3MINI, follow the steps below:
1.
Check that the STDC14 to STDC14 flat cable is present inside the box.
2.
Install/update the IDE/STM32CubeProgrammer to support the STLINK-V3MINI
(drivers).
3.
Connect the flat cable between the STLINK-V3MINI and the application.
4.
Connect a USB Type-A to Micro-B cable between the STLINK-V3MINI and the PC.
5.
Check that the PWR LED is green and the COM LED is red.
6.
Open the development toolchain or STM32CubeProgrammer software utility. For more
details, refer to the www.st.com/stlink-v3mini web site.
Using STLINK-V3MODS requires to be firstly soldered onto the destination application
including the targeted STM32 microcontroller. Some recommendations are given here:
1.
Reserve in the design the necessary PCB area under the STLINK-V3MODS by using
the recommended PCB land pattern.
2.
Apply the recommended reflow soldering profile, from Soldering recommendations and
package information for Lead-free ECOPACK microcontrollers (AN2639), and verify
Solder bridge SBx ON
SBx connections closed by solder or 0 Ohm
resistor
Solder bridge SBx OFF
SBx connections left open
Table 2. ON/OFF conventions (continued)
Convention
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com