Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2531A Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM3P2531A
Description  Low Frequency EMI Reduction
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2531A Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM3P2531A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2531A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2531A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2531A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2531A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2531A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2531A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2531A Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
November 2003
ASM3P2531A
rev 1.0
Low Frequency EMI Reduction
5 of 8
Notice: The information in this document is subject to change without notice.
Package Information
8-Pin SOIC
Dimensions in inches
Dimensions in millimeters
Symbol
Min
Max
Min
Max
A
0.053
0.069
1.35
1.75
A1
0.004
0.010
0.10
0.25
B
0.013
0.022
0.33
0.53
C
0.007
0.012
0.18
0.27
D
0.188
0.197
4.78
5.00
E
0.150
0.158
3.80
4.01
H
0.228
0.244
5.80
6.20
e
0.050 BSC
1.27 BSC
L
0.016
0.035
0.40
0.89
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com