Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB303B Datasheet(PDF) 11 Page - ON Semiconductor

Part # FUSB303B
Description  FUSB303B Autonomous USB Type-C Port Controller with I2C and GPIO Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB303B Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FUSB303B Datasheet HTML 7Page - ON Semiconductor FUSB303B Datasheet HTML 8Page - ON Semiconductor FUSB303B Datasheet HTML 9Page - ON Semiconductor FUSB303B Datasheet HTML 10Page - ON Semiconductor FUSB303B Datasheet HTML 11Page - ON Semiconductor FUSB303B Datasheet HTML 12Page - ON Semiconductor FUSB303B Datasheet HTML 13Page - ON Semiconductor FUSB303B Datasheet HTML 14Page - ON Semiconductor FUSB303B Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
FUSB303B
www.onsemi.com
11
Table 10. FAST MODE I2C TIMING SPECIFICATIONS (see Figure 7)
Symbol
Parameter
Fast Mode
Min.
Max.
Unit
fSCL
SCL/OUT2 Clock Frequency
400
kHz
tHD;STA
Hold Time (Repeated) START Condition
0.6
ms
tLOW
Low Period of SCL/OUT2 Clock
1.3
ms
tHIGH
High Period of SCL/OUT2 Clock
0.6
ms
tSU;STA
Set−up Time for Repeated START Condition
0.6
ms
tHD;DAT
Data Hold Time
0.9
ms
tSU;DAT
Data Set−up Time (Note 5)
100
ns
tr
Rise Time of SDA/OUT1 and SCL/OUT2 Signals (Note 6)
20×(VDD/5.5 V)
250
ns
tf
Fall Time of SDA/OUT1 and SCL/OUT2 Signals (Note 6)
20×(VDD/5.5 V)
250
ns
tSU;STO
Set−up Time for STOP Condition
0.6
ms
tBUF
Bus−Free Time between STOP and START Conditions
1.3
ms
tSP
Pulse Width of Spikes that Must Be Suppressed by the Input Filter
50
ns
5. A fast−mode I2C−bus device can be used in a standard−mode I2C−bus
system, but the requirement tSU;DAT 250 ns must be met. This is
automatically the case if the device does not stretch the LOW period of the
SCL/OUT2 signal. If such a device does stretch the LOW period of the
SCL/OUT2 signal, it must output the next data bit to the I2C_ line tr_max +
tSU;DAT = 1000 + 250 = 1250 ns (according to the standard−mode I2C bus
specification) before the SCL/OUT2 line is released
6. Cb equals the total capacitance of one bus line in pF. If mixed with high−speed devices, faster fall times are allowed according to the I2C
specification
SDA
SCL
LOW
HD;STA
HD;DAT
HIGH
SU;DAT
SU;STA
Sr
HD;STA
SP
SU;STO
BUF
P
S
t
t
t
t
t
t
tt
t
t
t
t
t
r
f
r
S
tf
Figure 7. Definition of Timing for Full/Speed Mode Devices on the I2C Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com