Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB303B Datasheet(PDF) 12 Page - ON Semiconductor

Part # FUSB303B
Description  FUSB303B Autonomous USB Type-C Port Controller with I2C and GPIO Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB303B Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FUSB303B Datasheet HTML 8Page - ON Semiconductor FUSB303B Datasheet HTML 9Page - ON Semiconductor FUSB303B Datasheet HTML 10Page - ON Semiconductor FUSB303B Datasheet HTML 11Page - ON Semiconductor FUSB303B Datasheet HTML 12Page - ON Semiconductor FUSB303B Datasheet HTML 13Page - ON Semiconductor FUSB303B Datasheet HTML 14Page - ON Semiconductor FUSB303B Datasheet HTML 15Page - ON Semiconductor FUSB303B Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
FUSB303B
www.onsemi.com
12
REGISTER DEFINITIONS
Table 11. REGISTER MAP
Address
Register
Name
Type
Default
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
00h
Reserved
N/A
N/A
Do Not Use
01h
Device ID
R
10h
VER_ID[3:0]
REV_ID[3:0]
02h
Device Type
R
03h
DEVICE_TYPE[7:0]
03h
Portrole
R/W
4nh (see
below)
ORIENTD
EB
TRY[1:0]
AUDIOAC
C
DRP
SNK
SRC
04h
Control
R/W
43h
T_DRP
DRPTOGGLE[1:0]
DCABLE_
EN
HOST_CUR[1:0]
INT_MAS
K
05h
Control1
R/W
23h
REMEDY
_EN
AUTO_SNK_TH[1:0]
AUTO_SN
K_EN
ENABLE
TCCDEB[2:0]
06h-08h
Reserved
N/A
N/A
Do Not Use
09h
Manual
W/C &
R/W
00h
FORCE_S
RC
FORCE_S
NK
UNATT_S
NK
UNATT_S
RC
DISABLE
D
ERROR_
REC
0Ah
Reset
W/C
00h
SW_RES
0Bh-0Dh
Reserved
N/A
N/A
Do Not Use
0Eh
Mask
R/W
00h
M_ORIEN
T
M_FAULT
M_VBUS_
CHG
M_AUTO
SNK
M_BC_LV
L
M_DETAC
H
M_ATTAC
H
0Fh
Mask1
R/W
00h
M_REM_
VBOFF
M_REM_
VBON
M_REM_F
AIL
M_FRC_F
AIL
M_FRC_S
UCC
M_REME
DY
10h
Reserved
N/A
N/A
Do Not Use
11h
Status
R
40h
AUTOSN
K
VSAFE0V
ORIENT[1:0]
VBUSOK
BC_LVL[1:0]
ATTACH
12h
Status1
R
00h
FAULT
REMEDY
13h
Type
R
00h
DEBUGS
RC
DEBUGS
NK
SINK
SOURCE
ACTIVEC
ABLE
AUDIOVB
US
AUDIO
14h
Interrupt
R/W1
C
00h
I_ORIENT
I_FAULT
I_VBUS_
CHG
I_AUTOS
NK
I_BC_LVL
I_DETAC
H
I_ATTACH
15h
Interrupt1
R/W1
C
00h
I_REM_V
BOFF
I_REM_V
BON
I_REM_F
AIL
I_FRC_FA
IL
I_FRC_S
UCC
I_REMED
Y
16h-1Fh
Reserved
N/A
N/A
Do Not Use
7. Do not use registers that are blank
8. Values read from undefined register bits are not defined and invalid. Do not write to undefined registers
Table 12. DEVICE ID (Address: 01h, Reset Value: 0001_0000b, Type: Read Only)
Bit #
Name
Size (Bits)
Bit#: Default
Description
7:4
VER_ID
4
7:4 01h
Device version ID by Trim, etc.
A_[REV_ID]: 0001 (FUSB303B A)
3:0
REV_ID
4
3:0 00h
Revision History of each version
[VER_ID]_revA: 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com