Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTC20454 Datasheet(PDF) 9 Page - STMicroelectronics

Part # MTC20454
Description  QUAD INTEGRATED ADSL CMOS ANALOG FRONT END CIRCUIT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20454 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button MTC20454 Datasheet HTML 5Page - STMicroelectronics MTC20454 Datasheet HTML 6Page - STMicroelectronics MTC20454 Datasheet HTML 7Page - STMicroelectronics MTC20454 Datasheet HTML 8Page - STMicroelectronics MTC20454 Datasheet HTML 9Page - STMicroelectronics MTC20454 Datasheet HTML 10Page - STMicroelectronics MTC20454 Datasheet HTML 11Page - STMicroelectronics MTC20454 Datasheet HTML 12Page - STMicroelectronics MTC20454 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9/15
MTC20454
Power Supply Rejection
The noise on the power supplies for the RX-path must be lower than 50 mVrms in-band white noise for any
AVDD.
The pre-driver drives an external line power amplifier which transmits the required power to the line.
TX Filter
The TX filters act not only to suppress the DMT sidebands but also as smoothing filters on the D/A con-
verter’s output to suppress the image spectrum. For this reason they are realised in a time continuous ap-
proach.
ATU-C-TX Filter
Same filter as ATU-R-RX. Its purpose is now is to remove image frequency of the transmitted signal ac-
cording the ANSI definition.
Linearity of TX
Linearity of the TX is defined by the IM3 product of two sinusoidal signals with frequencies f1 and f2 and
each with 0.25 Vpd amplitude (-6 dB FS) at the output of the pre-driver for the case of a total AGC = 0 dB.
Power Supply Rejection
The noise on the power supplies for the TX-path must be lower than the following:
■ < 50 mVrms in band white noise for AVDD.
■ < 15 mVrms in band white noise for Pre-driver AVDD.
Figure 6. Power Supply Rejection
dB
-70
-60
-50
-40
1k
10k 100k1M 10M
Hz
TX Pre-driver Capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com