Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTC20454 Datasheet(PDF) 11 Page - STMicroelectronics

Part # MTC20454
Description  QUAD INTEGRATED ADSL CMOS ANALOG FRONT END CIRCUIT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20454 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button MTC20454 Datasheet HTML 7Page - STMicroelectronics MTC20454 Datasheet HTML 8Page - STMicroelectronics MTC20454 Datasheet HTML 9Page - STMicroelectronics MTC20454 Datasheet HTML 10Page - STMicroelectronics MTC20454 Datasheet HTML 11Page - STMicroelectronics MTC20454 Datasheet HTML 12Page - STMicroelectronics MTC20454 Datasheet HTML 13Page - STMicroelectronics MTC20454 Datasheet HTML 14Page - STMicroelectronics MTC20454 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11/15
MTC20454
Receive / Transmit Interface
The digital interface is based on a 4 * 8.832 MHz (35.328 MHz) clock. The 8.832MHz 12 bits A/D output
signal or the D/A input signal are SIPO multiplexed over 4 parallel 35.328MHz data lines in the following
table. If OSR = 2 bit is selected, CLKNIB is used as nibble clock (17.664 MHz, disabled in normal mode),
and all the
Table 2. RXi, TXi, CLKWD periods are twice
TX / TXE Signal Dynamic Range
The dynamic range of the signal for both DACs is 12 bits extracted from the available signed 16 bit repre-
sentation coming from the digital processor.
The maximal positive number is 2 11 -1, the most negative number is -2 11, the 3 least significant bits are
ignored.
Any signal exceeding these limits is clamped to the maximal value.
Table 3. TX bit map
RX Signal Dynamic Range
The dynamic range of the signal from the ADC is limited to 13 bits. hose bits are converted to a signed
representation with a maximal positive number of 2 12 -1 and a most negative number of -2 12.
The 2 LSBs are filled with ‘0’.
Table 4. RX bit map in normal mode
Packet Number
Bus Line
Word bit
Packet 1
RX0/TX0
Bit 0
RX1/TX1
Bit 1
RX2/TX2
Bit 2
RX3/TX3
Bit 3
Packet 2
RX0/TX0
Bit 4
RX1/TX1
Bit 5
RX2/TX2
Bit 6
RX3/TX3
Bit 7
Packet 3
RX0/TX0
Bit 8
RX1/TX1
Bit 9
RX2/TX2
Bit 10
RX3/TX3
Bit 11
Packet 4
RX0/TX0
Bit 12
RX1/TX1
Bit 13
RX2/TX2
Bit 14
RX3/TX3
Bit 15
Sign
Sign
B10
B9B8B7B6B5
B4
B3
B2
B1
B0
n.u
n.u
n.u
Sign
B12
B11
B10
B9
B8
B7
B6
B5B4B3B2B1B0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com