Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U6809B Datasheet(PDF) 9 Page - ATMEL Corporation

Part # U6809B
Description  FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6809B Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button U6809B Datasheet HTML 5Page - ATMEL Corporation U6809B Datasheet HTML 6Page - ATMEL Corporation U6809B Datasheet HTML 7Page - ATMEL Corporation U6809B Datasheet HTML 8Page - ATMEL Corporation U6809B Datasheet HTML 9Page - ATMEL Corporation U6809B Datasheet HTML 10Page - ATMEL Corporation U6809B Datasheet HTML 11Page - ATMEL Corporation U6809B Datasheet HTML 12Page - ATMEL Corporation U6809B Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
U6809B
4764A–AUTO–10/03
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Symbol
Value
Unit
Supply voltage range
V
S
-0.2 to +16
V
AUX GND offset voltage to GND
V
AUX
±1.5
V
AUX GND offset current to GND
I
AUX
-600
mA
Power dissipation V
S = 5 V;
T
amb = 125°C
P
tot
700
mW
Thermal resistance
R
thjc
25
K/W
Junction temperature
T
j
150
°C
Ambient temperature range
T
amb
-40 to +125
°C
Storage temperature range
T
stg
-55 to +155
°C
Electrical Characteristics
V
S = 5 V, Tamb = -40 to +125°C; reference pin is GND; fintern = 100 kHz + 50% - 45%, fWDC = 10 kHz ±10%; fWDI = 100 Hz
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
Operation range general
V
S
4.5
5.5
V
Operation range reset
V
S
1.5
16.0
V
Supply Current
Lamp driver on, relay off
Tamb = -40°C
T
amb = 125°C
40
35
mA
mA
Lamp driver off, relay on
T
amb = -40°C
T
amb = 125°C
25
20
mA
mA
Lamp driver off, relay off
T
amb = -40°C
Tamb = 125°C
15
10
mA
mA
Auxiliary Ground (AUX GND)
AUX GND offset voltage operation
range
Tamb = -40°C
T
amb = 90°C
T
amb = 125°C
-1.2
-0.65
-0.5
1.2
1.0
0.8
V
V
V
AUX GND offset voltage to GND
I
AUX = -600 mA
-1.7
3.0
V
Digital Inputs (LA1I, LA2I, REL1 and WDI)
Detection low
-0.2
0.2
´ V
S
V
Detection high
0.7
´ V
S
V
S +
0.5 V
V
Resistance to VS
10
40
k
W
Input current low
Input voltage = 0 V
100
550
µA
Input current high
Input voltage = VS
-5
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com