Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U6809B Datasheet(PDF) 4 Page - ATMEL Corporation

Part # U6809B
Description  FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6809B Datasheet(HTML) 4 Page - ATMEL Corporation

  U6809B Datasheet HTML 1Page - ATMEL Corporation U6809B Datasheet HTML 2Page - ATMEL Corporation U6809B Datasheet HTML 3Page - ATMEL Corporation U6809B Datasheet HTML 4Page - ATMEL Corporation U6809B Datasheet HTML 5Page - ATMEL Corporation U6809B Datasheet HTML 6Page - ATMEL Corporation U6809B Datasheet HTML 7Page - ATMEL Corporation U6809B Datasheet HTML 8Page - ATMEL Corporation U6809B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
U6809B
4764A–AUTO–10/03
Detailed Block Diagram with External Components
Figure 3. Detailed Block Diagram
+
-
V
Ref 4
+
-
V
Ref 5
+
-
+
-
+
-
Oscillator
Watchdog
+
-
V
Ref 1
Failure
detection
lamp 1
+
-
+
-
+
-
+
-
V
Ref2
V
Ref3
19
14
GND
15
13
VS
RELI
OSC
+ PRES
Temperature
shut down
A
C
Ground backup
AUX GND
GND
Integrated
oscillator
Internal
timing
Short-circuit
protection
D
B
D
C
V
S
V
Batt
V
Batt
Push pull
R-
Push pull
R+
Reset
delay
Push pull
L1
Failure
detection
lamp 2
Push pull
L2
A
D
V
S
VS
B
C
E
V
Ref2
E
E
Reset
debouncing
1
2
3
20
11
LA1I
LA2I
WDI
18
7
4
8
9
10
12
- NRES
RELO
V
Batt
FBLA1
LA1O
LA2O
FBLA2
ENO
56
16 17
AUX GND
V
Ref3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com