Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2160A Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # P2160A
Description  High Frequency LCD Panel EMI Reduction IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2160A Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

  P2160A Datasheet HTML 1Page - Alliance Semiconductor Corporation P2160A Datasheet HTML 2Page - Alliance Semiconductor Corporation P2160A Datasheet HTML 3Page - Alliance Semiconductor Corporation P2160A Datasheet HTML 4Page - Alliance Semiconductor Corporation P2160A Datasheet HTML 5Page - Alliance Semiconductor Corporation P2160A Datasheet HTML 6Page - Alliance Semiconductor Corporation P2160A Datasheet HTML 7Page - Alliance Semiconductor Corporation P2160A Datasheet HTML 8Page - Alliance Semiconductor Corporation P2160A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
October 2003
P2160
rev E
High Frequency LCD Panel EMI Reduction IC
7 of 9
Notice: The information in this document is subject to change without notice.
Mechanical Package Outline 8-Pin TSSOP
Dimensions in inches
Dimensions in millimeters
Symbol
Min
Nor
Max
Min
Nor
Max
A
0.047
1.10
A1
0.002
0.006
0.05
0.15
A2
0.031
0.039
0.041
0.80
1.00
1.05
B
0.007
0.012
0.19
0.30
C
0.004
0.008
0.09
0.20
D
0.114
0.118
0.122
2.90
3.00
3.10
E
0.169
0.173
0.177
4.30
4.40
4.50
e
0.026 BSC
0.65 BSC
H
0.244
0.252
0.260
6.20
6.40
6.60
L
0.018
0.024
0.030
0.45
0.60
0.75
a
0°
5°
8°
0°
5°
8°
Note: Controlling dimensions are millimeters
TSSOP – 0.034 grams unit weight



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com