Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2160A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # P2160A
Description  High Frequency LCD Panel EMI Reduction IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2160A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  P2160A Datasheet HTML 1Page - Alliance Semiconductor Corporation P2160A Datasheet HTML 2Page - Alliance Semiconductor Corporation P2160A Datasheet HTML 3Page - Alliance Semiconductor Corporation P2160A Datasheet HTML 4Page - Alliance Semiconductor Corporation P2160A Datasheet HTML 5Page - Alliance Semiconductor Corporation P2160A Datasheet HTML 6Page - Alliance Semiconductor Corporation P2160A Datasheet HTML 7Page - Alliance Semiconductor Corporation P2160A Datasheet HTML 8Page - Alliance Semiconductor Corporation P2160A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
October 2003
P2160
rev E
Alliance Semiconductor
2575, Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
Notice: The information in this document is subject to change without notice.
High Frequency LCD Panel EMI Reduction IC
Features
FCC approved method of EMI attenuation
Provides up to 20 dB of EMI suppression
Generates a low EMI spread spectrum clock of
the input frequency
40 MHz to 166 MHz input frequency range
Optimized for SVGA, XGA and high resolution
SXGA and UXGA LCD panels
Internal
loop
filter
minimizes
external
components and board space
2 selectable spreading options
SSON# control pin for spread spectrum enable
and disable options
2 selectable modulation rates
Low cycle-to-cycle jitter
3.3V operating range 16 mA output drives
16 mA output drives
TTL or CMOS compatible outputs
Low power CMOS design
Supports most mobile graphic accelerator
specifications
Available in 8 pin SOIC and TSSOP
Product Description
The P2160 is a selectable spread spectrum
frequency modulator designed compared to the
typical narrow band signal produced by oscillators
and most frequency generators. Lowering EMI by
increasing a signal’s bandwidth is called “spread
spectrum clock generation” reducing the number of
circuit board layers and shielding that are traditionally
required to pass EMI regulations.
The P2160 uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented in a proprietary all-digital method.
The P2160 modulates the output of a single PLL in
order to “spread” the bandwidth of a synthesized
clock and, more importantly, decreases the peak
amplitudes of its harmonics. This results in
significantly lower system EMI compared to the
typical narrow band signal produced by oscillators
and most frequency generators. Lowering EMI by
increasing a signal’s bandwidth is called “spread
spectrum clock generation”.
Applications
The P2160 is targeted towards digital flat panel
applications for Notebook PCs, Palm-size PCs, Office
Automation Equipments, and LCD Monitors, Digital
Still Cameras and GPS Devices.
Block Diagram


Similar Part No. - P2160A

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
P216 ATM-P216 Datasheet
122Kb / 1P
2WAY - 4WAY - 8WAY POWER DIVIDERS & COMBINERS
logo
List of Unclassifed Man...
P216650 ETC-P216650 Datasheet
2Mb / 3P
IEC Low Voltage General Purpose Protection Ferrule fuse-links 8x31 gG 400VAC from 0.5 to 25A
logo
Advanced Technical Mate...
P216K-1 ATM-P216K-1 Datasheet
122Kb / 1P
2WAY - 4WAY - 8WAY POWER DIVIDERS & COMBINERS
P216X-1 ATM-P216X-1 Datasheet
122Kb / 1P
2WAY - 4WAY - 8WAY POWER DIVIDERS & COMBINERS
More results

Similar Description - P2160A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2042A ALSC-P2042A Datasheet
353Kb / 8P
LCD Panel EMI Reduction IC
ASM3P2182A ALSC-ASM3P2182A Datasheet
392Kb / 7P
LCD Panel EMI Reduction IC
P2040A ALSC-P2040A Datasheet
354Kb / 9P
LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2182A PULSECORE-ASM3P2182A Datasheet
369Kb / 8P
LCD Panel EMI Reduction IC
P2040A PULSECORE-P2040A Datasheet
356Kb / 9P
LCD Panel EMI Reduction IC
P2040B PULSECORE-P2040B Datasheet
331Kb / 8P
LCD Panel EMI Reduction IC
P2040C PULSECORE-P2040C Datasheet
160Kb / 9P
LCD Panel EMI Reduction IC
P2042A PULSECORE-P2042A Datasheet
354Kb / 8P
LCD Panel EMI Reduction IC
logo
ON Semiconductor
PCS3P2042B ONSEMI-PCS3P2042B Datasheet
146Kb / 7P
LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 2
P2042A ONSEMI-P2042A Datasheet
76Kb / 5P
LCD Panel EMI Reduction IC
June, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com