Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2560B Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # P2560B
Description  Low Frequency EMI Reduction
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2560B Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  P2560B Datasheet HTML 1Page - Alliance Semiconductor Corporation P2560B Datasheet HTML 2Page - Alliance Semiconductor Corporation P2560B Datasheet HTML 3Page - Alliance Semiconductor Corporation P2560B Datasheet HTML 4Page - Alliance Semiconductor Corporation P2560B Datasheet HTML 5Page - Alliance Semiconductor Corporation P2560B Datasheet HTML 6Page - Alliance Semiconductor Corporation P2560B Datasheet HTML 7Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
November 2003
P2560B
rev 1.0
Low Frequency EMI Reduction
2 of 7
Notice: The information in this document is subject to change without notice.
Pin Configuration
Standby Mode Selection
CLKIN
SSON/SBM
Spread Spectrum
ModOUT
PLL
Mode
Disabled
0
N/A
Disabled
Disabled
Standby
Disabled
1
N/A
Disabled
Free
running
Free running
Enabled
0
Off
Reference
Disabled
Buffer out
Enabled
1
On
Normal
Normal
Normal
Spread Range Selection, VDD = 3.3 V
CLKIN frequency
Spreading range
Modulation rate
20 MHz
±1.16%
25 MHz
±1.13%
27 MHz
±1.11%
30 MHz
±1.0%
32 MHz
±1.0%
(CLKIN/10) * 20.83 kHz
Pin Description
Pin#
Pin Name
Type
Description
1
XIN/CLK
I
Crystal connection or external reference frequency input. This pin has dual
functions. It can be connected to either an external crystal or an external
reference clock.
2
XOUT
O
Crystal connection. If using an external reference, this pin must be left
unconnected.
3
DIV2
I
Digital logic input used to select normal output mode or divide-by-2 output mode.
When this pin is HIGH, the frequency of the output clock is the same as the input
clock frequency. When it is tied LOW, the output frequency is half the input clock
frequency. This pin has an internal pull-up resistor.
4
VSS
P
Ground to entire chip.
5
SR0
I
Digital logic input used to select Spreading Range (Refer Spread Deviation
Table). This pin has an internal pull-up resistor.
6
SSON#
I
Digital logic input used to enable Spread Spectrum function (Active LOW).
Spread Spectrum function enabled when LOW, disabled when HIGH. This pin
has an internal pull-low resistor.
7
MODOUT
O
Spread spectrum low EMI output.
8
VDD
P
Power supply for the entire chip (5V).
P2560B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com