Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2560B Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # P2560B
Description  Low Frequency EMI Reduction
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2560B Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  P2560B Datasheet HTML 1Page - Alliance Semiconductor Corporation P2560B Datasheet HTML 2Page - Alliance Semiconductor Corporation P2560B Datasheet HTML 3Page - Alliance Semiconductor Corporation P2560B Datasheet HTML 4Page - Alliance Semiconductor Corporation P2560B Datasheet HTML 5Page - Alliance Semiconductor Corporation P2560B Datasheet HTML 6Page - Alliance Semiconductor Corporation P2560B Datasheet HTML 7Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
November 2003
P2560B
rev 1.0
Alliance Semiconductor
2575, Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
Notice: The information in this document is subject to change without notice.
Features
FCC approved method of EMI attenuation
Generates a low EMI spread spectrum and a non-
spread reference signal of the input clock
frequency
Optimized for input frequency range from 20 to 32
MHz
Internal loop filter minimizes external components
and board space
Two selectable spread ranges
Low inherent cycle-to-cycle jitter
3.3 V or 5 V operating voltage
CMOS/TTL compatible inputs and outputs
Ultra low power CMOS design: 5.50 mA @3.3 V
Supports notebook VGA and other LCD timing
controller applications
SSON pin for Spread Spectrum On/Off and
Standby Mode controls
Available in 8-pin SOIC and TSSOP
Product Description
The P2560B is a versatile spread spectrum frequency
modulator designed specifically for a wide range of clock
frequencies. It reduces electromagnetic interference
(EMI) at the clock source allowing system-wide reduction
of EMI of downstream clock and data dependent signals.
It allows significant system cost savings by reducing the
number of circuit board layers and shielding traditionally
required to pass EMI regulations.
The P2560B modulates the output of a single PLL in
order to spread the bandwidth of a synthesized clock,
thereby decreasing the peak amplitudes of its harmonics.
This results in significantly lower system EMI compared
to the typical narrow band signal produced by oscillators
and most clock generators. Lowering EMI by increasing
a signal’s bandwidth is called spread spectrum clock
generation.
The P2560B uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented by using a proprietary all-digital method.
Applications
The P2560B is targeted toward the notebook VGA chip
and other displays using an LVDS interface, PC
peripheral devices, and embedded systems
Block Diagram


Similar Part No. - P2560B

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2560B PULSECORE-P2560B Datasheet
328Kb / 8P
Low Frequency EMI Reduction
logo
ON Semiconductor
P2560B ONSEMI-P2560B Datasheet
108Kb / 6P
Low Frequency EMI Reduction
August, 2011 ??Rev. P3
logo
PulseCore Semiconductor
P2560BG-08SR PULSECORE-P2560BG-08SR Datasheet
328Kb / 8P
Low Frequency EMI Reduction
logo
ON Semiconductor
P2560BG-08SR ONSEMI-P2560BG-08SR Datasheet
108Kb / 6P
Low Frequency EMI Reduction
August, 2011 ??Rev. P3
logo
PulseCore Semiconductor
P2560BG-08ST PULSECORE-P2560BG-08ST Datasheet
328Kb / 8P
Low Frequency EMI Reduction
More results

Similar Description - P2560B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2531A ALSC-ASM3P2531A Datasheet
189Kb / 8P
Low Frequency EMI Reduction
ASM3X2105A ALSC-ASM3X2105A Datasheet
455Kb / 10P
Low Frequency EMI Reduction
P2005A ALSC-P2005A Datasheet
459Kb / 10P
Low Frequency EMI Reduction IC
P2010A ALSC-P2010A Datasheet
457Kb / 9P
Low Frequency EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2531A PULSECORE-ASM3P2531A Datasheet
347Kb / 8P
Low Frequency EMI Reduction
P2005A PULSECORE-P2005A Datasheet
347Kb / 8P
Low Frequency EMI Reduction IC
P2010A PULSECORE-P2010A Datasheet
164Kb / 8P
Low Frequency EMI Reduction IC
P2560B PULSECORE-P2560B Datasheet
328Kb / 8P
Low Frequency EMI Reduction
logo
ON Semiconductor
P2010A ONSEMI-P2010A Datasheet
111Kb / 7P
Low Frequency EMI Reduction IC
August, 2011 ??Rev. 2
P2560B ONSEMI-P2560B Datasheet
108Kb / 6P
Low Frequency EMI Reduction
August, 2011 ??Rev. P3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com