Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WST4045 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST4045
Description  P-Ch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST4045 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST4045 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST4045 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST4045 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST4045 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST4045 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST4045 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-
40
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ -10V
-
4.3
A
A
IDP
Pulsed Drain Current
-
20
A
PD
Total Power Dissipation
2.0
W
Operating Junction and Storage Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
Thermal Resistance Junction-Ambient
---
125
℃
/W
BVDSS
RDSON
ID
-
40V
73mΩ
-
4.3A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter.
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
SOT-23-3L Pin Configuration
Product Summery
The WST4045 is the highest performance trench
P-ch MOSFET with extreme high cell density ,
which provide excellent RDSON and gate
charge for most of the synchronous buck
converter applications .
The WST4045 meet the RoHS and Green
Product requirement,100% EAS guaranteed with
full function reliability approved.
WST4045
P-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014
TJ,TSTG
RθJA


Similar Part No. - WST4045

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WST4040 WIINSOK-WST4040 Datasheet
1Mb / 5P
N-Ch MOSFET
logo
VBsemi Electronics Co.,...
WST4040 VBSEMI-WST4040 Datasheet
481Kb / 9P
N-Channel 40 V (D-S) MOSFET
logo
Shenzhen Guan Hua Wei Y...
WST4041 WIINSOK-WST4041 Datasheet
596Kb / 5P
P-Ch MOSFET
More results

Similar Description - WST4045

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD30L60DN56 WIINSOK-WSD30L60DN56 Datasheet
590Kb / 9P
P-Ch MOSFET
WSD30L120DN56 WIINSOK-WSD30L120DN56 Datasheet
932Kb / 5P
P-Ch MOSFET
WSE3099 WIINSOK-WSE3099 Datasheet
818Kb / 5P
P-Ch MOSFET
WSF60P03 WIINSOK-WSF60P03 Datasheet
717Kb / 5P
P-Ch MOSFET
WSP4409 WIINSOK-WSP4409 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2301 WIINSOK-WST2301 Datasheet
893Kb / 5P
P-Ch MOSFET
WST2305 WIINSOK-WST2305 Datasheet
1,013Kb / 5P
P-Ch MOSFET
WST2315 WIINSOK-WST2315 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2339 WIINSOK-WST2339 Datasheet
660Kb / 5P
P-Ch MOSFET
WST6003 WIINSOK-WST6003 Datasheet
551Kb / 6P
P-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com