Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WST4045 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST4045
Description  P-Ch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST4045 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST4045 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST4045 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST4045 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST4045 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST4045 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST4045 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-
40
---
---
V
△
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=-1mA
---
-0.03
---
V/℃
VGS=-10V , ID=-
3A
---
73
85
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-4.5V , ID=-
1A
---
98
126
m
Ω
VGS(th)
Gate Threshold Voltage
-
1.0
-1.5
-
3.0
V
△
VGS(th)
VGS(th) Temperature Coefficient
VGS=VDS , ID =-250uA
---
4.56
---
mV/℃
VDS=-
28V , VGS=0V , TJ=25℃
---
---
1
IDSS
Drain-Source Leakage Current
VDS=-
28V , VGS=0V , TJ=55℃
---
---
5
uA
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=-5V , ID=-
3A
---
10
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
3.8
---
Ω
Qg
Total Gate Charge (-4.5V)
---
14
---
Qgs
Gate-Source Charge
---
2.9
---
Qgd
Gate-Drain Charge
VDS=-
20V , VGS=-10V , ID=-3.1A
---
3.8
---
nC
Td(on)
Turn-On Delay Time
---
9
---
Tr
Rise Time
---
8
---
Td(off)
Turn-Off Delay Time
---
28
---
Tf
Fall Time
VDD=-
20V , VGS=-10V ,
RG=
3Ω, RL=2Ω
---
10
---
ns
Ciss
Input Capacitance
---
650
---
Coss
Output Capacitance
---
90
---
Crss
Reverse Transfer Capacitance
VDS=-
20V , VGS=0V , f=1MHz
---
70
---
pF
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,6
---
---
-4.3
A
VG=VD=0V , Force Current
---
---
VSD
Diode Forward Voltage
2
VGS=0V , IS=-
2.5A
---
---
-1.2
V
Note :
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics
WST4045
P-Ch MOSFET
Page 2
www.winsok.tw
Dec.2014
1.
3.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com