Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WST6006 Datasheet(PDF) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST6006
Description  N-Ch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST6006 Datasheet(HTML) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST6006 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Typical Characteristics
N-Ch MOSFET
Page 3
www.winsok.tw
Dec.2014
WST6006
0
1
2
3
4
5
6
7
8
0
0.05
0.1
0.15
0.2
VGS=5V
150℃
25℃
-55℃
85℃
0
1
2
3
4
5
6
7
8
0
0.05
0.1
0.15
0.2
VGS=10V
150℃
25℃
-55℃
85℃
0
0.2
0.4
0.6
0.8
1
1.2
0
2
4
6
8
10
VGS, Gate-to-Source Voltage(V)
150℃
25℃
-55℃
0
0.4
0.8
1.2
1.6
0
1
2
3
4
5
6
VGS=3V
VGS=2.5V
VGS=4V
VGS=3.5V
VGS=4.5V
VGS=5V
VGS=6V
VGS=7,8,9,10V
Transfer Characteristcs
VDS, Drain-to-Source Voltage(V)
ON-Region Characteristics
ID, Drain Current(A)
RDS(on) vs. ID
ID, Drain Current(A)
RDS(on) vs. ID



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com