Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WST6006 Datasheet(PDF) 4 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST6006
Description  N-Ch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST6006 Datasheet(HTML) 4 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST6006 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
N-Ch MOSFET
Page 4
www.winsok.tw
Dec.2014
WST6006
0
0.5
1
1.5
2
2.5
-50
0
50
100
150
VGS=10V
VGS=5V
0
1
2
3
4
5
6
7
8
9
10
2
4
6
8
10
ID=500mA
ID=200mA
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
VGS=0V
Ciss
Coss
Crss
0.01
0.1
1
10
0.4
0.5
0.6
0.7
0.8
0.9
1
VGS=0V
85℃
25℃
VGS, Gate-to-Source Voltage(V)
RDS(on) vs. VGS
Temperataure(℃)
RDS(on) vs. Temperature
VDS, Drain-to-Source Voltage(V)
Capacitor vs.VDS
VSD, Source-to-Drain Voltage(V)
IS vs.VSD
Typical Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com