Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WST6045 Datasheet(PDF) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST6045
Description  N-Ch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST6045 Datasheet(HTML) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST6045 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6045 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6045 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6045 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6045 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6045 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6045 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Typical Characteristics
WST6045
Page 3
www.winsok.tw
Dec.2014
Drain Current
T
j - Junction Temperature (°C)
Safe Operation Area
V
DS - Drain - Source Voltage (V)
Thermal Transient Impedance
Square Wave Pulse Duration (sec)
Power Dissipation
T
j - Junction Temperature (°C)
0
20
40
60
80
100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
A
=25
oC
0
20
40
60
80
100 120 140 160
0
1
2
3
4
5
6
T
A
=25
oC,V
G
=10V
0.01
0.1
1
10
100 300
0.01
0.1
1
10
50
1s
100ms
300
µs
T
A
=25
oC
10ms
1ms
DC
1E-4
1E-3
0.01
0.1
1
10
60
0.002
0.01
0.1
1
3
Mounted on 1in
2 pad
R
θJA : 50
oC/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty = 0.5
N-Ch MOSFET



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com