Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5673K Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC5673K
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5673K Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPC5673K Datasheet HTML 2Page - NXP Semiconductors MPC5673K Datasheet HTML 3Page - NXP Semiconductors MPC5673K Datasheet HTML 4Page - NXP Semiconductors MPC5673K Datasheet HTML 5Page - NXP Semiconductors MPC5673K Datasheet HTML 6Page - NXP Semiconductors MPC5673K Datasheet HTML 7Page - NXP Semiconductors MPC5673K Datasheet HTML 8Page - NXP Semiconductors MPC5673K Datasheet HTML 9Page - NXP Semiconductors MPC5673K Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 147 page
background image
MPC5675K Microcontroller Data Sheet, Rev. 8.1
Introduction
NXP Semiconductors
6
1.5
Feature list
•
High-performance e200z7d dual core
— 32-bit Power Architecture
 technology CPU
— Up to 180 MHz core frequency
— Dual-issue core
— Variable length encoding (VLE)
— Memory management unit (MMU) with 64 entries
— 16 KB instruction cache and 16 KB data cache
•
Memory available
— Up to 2 MB code flash memory with ECC
— 64 KB data flash memory with ECC
— Up to 512 KB on-chip SRAM with ECC
•
SIL3/ASILD innovative safety concept: LockStep mode and fail-safe protection
— Sphere of replication (SoR) for key components
— Redundancy checking units on outputs of the SoR connected to FCCU
— Fault collection and control unit (FCCU)
— Boot-time built-in self-test for memory (MBIST) and logic (LBIST) triggered by hardware
— Boot-time built-in self-test for ADC and flash memory
— Replicated safety-enhanced watchdog timer
— Silicon substrate (die) temperature sensor
— Non-maskable interrupt (NMI)
— 16-region memory protection unit (MPU)
— Clock monitoring units (CMU)
— Power management unit (PMU)
— Cyclic redundancy check (CRC) units
•
Decoupled Parallel mode for high-performance use of replicated cores
•
Nexus Class 3+ interface
•
Interrupts
— Replicated 16-priority interrupt controller
•
GPIOs individually programmable as input, output, or special function
•
3 general-purpose eTimer units (6 channels each)
•
3 FlexPWM units with four 16-bit channels per module
•
Communications interfaces
— 4 LINFlex modules
— 3 DSPI modules with automatic chip select generation
— 4 FlexCAN interfaces (2.0B Active) with 32 message objects
— FlexRay module (V2.1) with dual channel, up to 128 message objects and up to 10 Mbit/s
— Fast Ethernet Controller (FEC)
—3 I2C modules
•
Four 12-bit analog-to-digital converters (ADCs)
— 22 input channels
— Programmable cross triggering unit (CTU) to synchronize ADC conversion with timer and PWM
•
External bus interface
•
16-bit external DDR memory controller
•
Parallel digital interface (PDI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com