Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5673K Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MPC5673K
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5673K Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MPC5673K Datasheet HTML 5Page - NXP Semiconductors MPC5673K Datasheet HTML 6Page - NXP Semiconductors MPC5673K Datasheet HTML 7Page - NXP Semiconductors MPC5673K Datasheet HTML 8Page - NXP Semiconductors MPC5673K Datasheet HTML 9Page - NXP Semiconductors MPC5673K Datasheet HTML 10Page - NXP Semiconductors MPC5673K Datasheet HTML 11Page - NXP Semiconductors MPC5673K Datasheet HTML 12Page - NXP Semiconductors MPC5673K Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 147 page
background image
Introduction
MPC5675K Microcontroller Data Sheet, Rev. 8.1
NXP Semiconductors
9
1.6.7
External Bus Interface (EBI)
•
Available on 473-pin devices
•
Data and address options:
— 16-bit data and address (non-muxed)
— 32-bit data and address (bus-muxed)
•
MPC5561 324 BGA compatibility mode: 16-bit data bus, 24-bit address bus is default ADDR[8:31], but configurable
to 26-bit address bus
•
Memory controller with support for various memory types
— Non-burst and burst mode SDR flash and SRAM
— Asynchronous/legacy flash and SRAM
•
Configurable bus speed modes
•
Support for 2 MB address space
•
Chip select and write/byte enable options as presented in the pin-muxing table in the “Signal Description” chapter of
the MPC5675K reference manual
•
Configurable wait states (via chip selects)
•
Optional automatic CLKOUT gating to save power and reduce EMI
1.6.8
On-chip flash memory
•
Up to 2 MB code flash memory with ECC
•
64 KB data flash memory with ECC
•
Censorship protection scheme to prevent flash content visibility
•
Multiple block sizes to support features such as boot block, operating system block, and EEPROM emulation
•
Read-while-write with multiple partitions
•
Parallel programming mode to support rapid end-of-line programming
•
Hardware programming state machine
1.6.9
Cache memory
•
Harvard architecture cache
•
16 KB instruction / 16 KB data
•
Four-way set-associative Harvard (instruction and data) 256-bit long cache
— Two 32-bit fetches per clock
— Eight-entry store buffer
— Way locking
— Supports tag and data cache parity
— Supports EDC for instruction cache
1.6.10
On-chip internal static RAM (SRAM)
•
Up to 512 KB general-purpose SRAM
•
ECC performs single-bit correction, double-bit error detection
— Address included in ECC checkbase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com