Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6435IPZR Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6435IPZR
Description  MSP430F643x Mixed-Signal Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6435IPZR Datasheet(HTML) 60 Page - Texas Instruments

Back Button MSP430F6435IPZR Datasheet HTML 56Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 57Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 58Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 59Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 60Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 61Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 62Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 63Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 128 page
background image
9.5 Interrupt Vector Addresses
The interrupt vectors and the power-up start address are in the address range 0FFFFh to 0FF80h (see Table
9-3). The vector contains the 16-bit address of the appropriate interrupt-handler instruction sequence.
Table 9-3. Interrupt Sources, Flags, and Vectors of MSP430F643x Configurations
INTERRUPT SOURCE
INTERRUPT FLAG
SYSTEM INTERRUPT
WORD
ADDRESS
PRIORITY
System Reset
Power-Up, External Reset
Watchdog Time-out, Key Violation
Flash Memory Key Violation
WDTIFG, KEYV (SYSRSTIV)(1) (3)
Reset
0FFFEh
63, highest
System NMI
PMM
Vacant Memory Access
JTAG Mailbox
SVMLIFG, SVMHIFG, DLYLIFG, DLYHIFG, VLRLIFG,
VLRHIFG, VMAIFG, JMBNIFG, JMBOUTIFG (SYSSNIV)
(1)
(Non)maskable
0FFFCh
62
User NMI
NMI
Oscillator Fault
Flash Memory Access Violation
NMIIFG, OFIFG, ACCVIFG, BUSIFG (SYSUNIV)(1) (3)
(Non)maskable
0FFFAh
61
Comp_B
Comparator B interrupt flags (CBIV)(1) (2)
Maskable
0FFF8h
60
Timer TB0
TB0CCR0 CCIFG0(2)
Maskable
0FFF6h
59
Timer TB0
TB0CCR1 CCIFG1 to TB0CCR6 CCIFG6,
TB0IFG (TBIV)(1) (2)
Maskable
0FFF4h
58
Watchdog Interval Timer Mode
WDTIFG
Maskable
0FFF2h
57
USCI_A0 Receive or Transmit
UCA0RXIFG, UCA0TXIFG (UCA0IV)(1) (2)
Maskable
0FFF0h
56
USCI_B0 Receive or Transmit
UCB0RXIFG, UCB0TXIFG (UCB0IV)(1) (2)
Maskable
0FFEEh
55
ADC12_A
ADC12IFG0 to ADC12IFG15 (ADC12IV)(1) (2)
Maskable
0FFECh
54
Timer TA0
TA0CCR0 CCIFG0(2)
Maskable
0FFEAh
53
Timer TA0
TA0CCR1 CCIFG1 to TA0CCR4 CCIFG4,
TA0IFG (TA0IV)(1) (2)
Maskable
0FFE8h
52
LDO-PWR
LDOOFFIG, LDOONIFG, LDOOVLIFG
Maskable
0FFE6h
51
DMA
DMA0IFG, DMA1IFG, DMA2IFG, DMA3IFG, DMA4IFG,
DMA5IFG (DMAIV)(1) (2)
Maskable
0FFE4h
50
Timer TA1
TA1CCR0 CCIFG0(2)
Maskable
0FFE2h
49
Timer TA1
TA1CCR1 CCIFG1 to TA1CCR2 CCIFG2,
TA1IFG (TA1IV)(1) (2)
Maskable
0FFE0h
48
I/O Port P1
P1IFG.0 to P1IFG.7 (P1IV)(1) (2)
Maskable
0FFDEh
47
USCI_A1 Receive or Transmit
UCA1RXIFG, UCA1TXIFG (UCA1IV)(1) (2)
Maskable
0FFDCh
46
USCI_B1 Receive or Transmit
UCB1RXIFG, UCB1TXIFG (UCB1IV)(1) (2)
Maskable
0FFDAh
45
I/O Port P2
P2IFG.0 to P2IFG.7 (P2IV)(1) (2)
Maskable
0FFD8h
44
LCD_B
LCD_B Interrupt Flags (LCDBIV)(1)
Maskable
0FFD6h
43
RTC_B
RTCRDYIFG, RTCTEVIFG, RTCAIFG, RT0PSIFG,
RT1PSIFG, RTCOFIFG (RTCIV)(1) (2)
Maskable
0FFD4h
42
DAC12_A(5)
DAC12_0IFG, DAC12_1IFG(1) (2)
Maskable
0FFD2h
41
Timer TA2
TA2CCR0 CCIFG0(2)
Maskable
0FFD0h
40
Timer TA2
TA2CCR1 CCIFG1 to TA2CCR2 CCIFG2,
TA2IFG (TA2IV)(1) (2)
Maskable
0FFCEh
39
I/O Port P3
P3IFG.0 to P3IFG.7 (P3IV)(1) (2)
Maskable
0FFCCh
38
I/O Port P4
P4IFG.0 to P4IFG.7 (P4IV)(1) (2)
Maskable
0FFCAh
37
Reserved
Reserved(4)
0FFC8h
36
⋮
⋮
0FF80h
0, lowest
(1)
Multiple source flags
(2)
Interrupt flags are in the module.
(3)
A reset is generated if the CPU tries to fetch instructions from within peripheral space or vacant memory space.
(Non)maskable: the individual interrupt-enable bit can disable an interrupt event, but the general-interrupt enable cannot disable it.
(4)
Reserved interrupt vectors at addresses are not used in this device and can be used for regular program code if necessary. To
maintain compatibility with other devices, TI recommends reserving these locations.
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
SLAS720F – AUGUST 2010 – REVISED SEPTEMBER 2020
www.ti.com
60
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: MSP430F6438 MSP430F6436 MSP430F6435 MSP430F6433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com