Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6435IPZR Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6435IPZR
Description  MSP430F643x Mixed-Signal Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6435IPZR Datasheet(HTML) 68 Page - Texas Instruments

Back Button MSP430F6435IPZR Datasheet HTML 64Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 65Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 66Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 67Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 68Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 69Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 70Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 71Page - Texas Instruments MSP430F6435IPZR Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 128 page
background image
9.12.9 DMA Controller
The DMA controller allows movement of data from one memory address to another without CPU intervention.
For example, the DMA controller can be used to move data from the ADC12_A conversion memory to RAM.
Using the DMA controller can increase the throughput of peripheral modules. The DMA controller reduces
system power consumption by allowing the CPU to remain in sleep mode, without having to awaken to move
data to or from a peripheral. Table 9-11 lists the trigger assignments for each DMA channel.
Table 9-11. DMA Trigger Assignments
TRIGGE
R(1)
CHANNEL
0
1
2
3
4
5
0
DMAREQ
1
TA0CCR0 CCIFG
2
TA0CCR2 CCIFG
3
TA1CCR0 CCIFG
4
TA1CCR2 CCIFG
5
TA2CCR0 CCIFG
6
TA2CCR2 CCIFG
7
TBCCR0 CCIFG
8
TBCCR2 CCIFG
9
Reserved
10
Reserved
11
Reserved
12
Reserved
13
Reserved
14
Reserved
15
Reserved
16
UCA0RXIFG
17
UCA0TXIFG
18
UCB0RXIFG
19
UCB0TXIFG
20
UCA1RXIFG
21
UCA1TXIFG
22
UCB1RXIFG
23
UCB1TXIFG
24
ADC12IFGx
25
DAC12_0IFG(2)
26
DAC12_1IFG(2)
27
Reserved
28
Reserved
29
MPY ready
30
DMA5IFG
DMA0IFG
DMA1IFG
DMA2IFG
DMA3IFG
DMA4IFG
31
DMAE0
(1)
Reserved DMA triggers may be used by other devices in the family. Reserved DMA triggers will not
cause any DMA trigger event when selected.
(2)
Only on devices with peripheral module DAC12_A. Reserved on devices without DAC.
9.12.10 Universal Serial Communication Interface (USCI)
The USCI modules are used for serial data communication. The USCI module supports synchronous
communication protocols such as SPI (3 or 4 pin) and I2C, and asynchronous communication protocols such as
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
SLAS720F – AUGUST 2010 – REVISED SEPTEMBER 2020
www.ti.com
68
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: MSP430F6438 MSP430F6436 MSP430F6435 MSP430F6433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com